Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9300 Fiches technique(PDF) 59 Page - STMicroelectronics

No de pièce L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Fiches technique(HTML) 59 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 55Page - STMicroelectronics L9300 Datasheet HTML 56Page - STMicroelectronics L9300 Datasheet HTML 57Page - STMicroelectronics L9300 Datasheet HTML 58Page - STMicroelectronics L9300 Datasheet HTML 59Page - STMicroelectronics L9300 Datasheet HTML 60Page - STMicroelectronics L9300 Datasheet HTML 61Page - STMicroelectronics L9300 Datasheet HTML 62Page - STMicroelectronics L9300 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 178 page
background image
Figure 36. LS configuration diagnostic
GADG2709181312PS
HS GATE
DRIVER
off state
LS GATE
DRIVER
off state
gm
VTOPEN
I_LS_PU
I_LS_PD
LOADx
RETURNx
VSx
LOAD
VTGND
DIAGOL
DIAGLV
VOUTOPEN
+
–
+
–
+
–
Table 35. LS diagnostic truth table
Comparator Output
FAULT DETECTION
Exception Registers [6:5]
DIAGOL
DIAGLV
OPEN LOAD
SHORT
0
0
Normal operation – no fault-
0
0
0
1
Not possible
0
0
1
0
Open load
1
0
1
1
Short to ground
0
L9300
Valve drivers
DS12258 - Rev 5
page 59/178