| Moteur de recherche de fiches techniques de composants électroniques |
|
L9300 Fiches technique(PDF) 101 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9300 Fiches technique(HTML) 101 Page - STMicroelectronics |
|
101 / 178 page ![]() SERVENA Service enable 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 R RW RW RW RW RW RW RW RW RW RW RW RW RW RW RW RW RW RW Address: GLOBAL_BaseAddress + 0x00 Type: RW Reset: 0b00X0 0000 0000 0011 1111 Description: SERVENA register stores SERVICE Enable bits [19] unused [18] Disable PRUN Reset: 0: PRUN reset generation enabled. 1: PRUN reset generation disabled Reset events: VB_UV, GND_LOSS, POR, RES1 [17] Enable reset Latch: 0: Disable reset Latch feature. 1: Enable reset Latch feature Reset events: VB_UV, GND_LOSS, POR [16] VDDx UV/OV Self Test Enable: 0: Self TestDisabled 1: Self Test Enabled Reset events: VB_UV, GND_LOSS, POR, RES1 [15] Spread Spectrum Disable: 0: Spread Spectrum Enabled on 16MHz Main Clock 1: Spread Spectrum Disabled on 16MHz Main Clock Reset events: VB_UV, GND_LOSS, POR, RES1 [14] PHOLD: 0: PHOLD inactive 1: PHOLD active Reset events: VB_UV, GND_LOSS, POR, RES1 [13] KEEP ALIVE: 0: no action 1: KA counter refresh Reset events: VB_UV, GND_LOSS, POR, RES1 L9300 SPI interface and register mapping DS12258 - Rev 5 page 101/178 |