Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC3200 Fiches technique(PDF) 409 Page - Advanced Micro Devices

No de pièce SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Fiches technique(HTML) 409 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 405Page - Advanced Micro Devices SC3200 Datasheet HTML 406Page - Advanced Micro Devices SC3200 Datasheet HTML 407Page - Advanced Micro Devices SC3200 Datasheet HTML 408Page - Advanced Micro Devices SC3200 Datasheet HTML 409Page - Advanced Micro Devices SC3200 Datasheet HTML 410Page - Advanced Micro Devices SC3200 Datasheet HTML 411Page - Advanced Micro Devices SC3200 Datasheet HTML 412Page - Advanced Micro Devices SC3200 Datasheet HTML 413Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 409 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
409
Electrical Specifications
Revision 5.1
Figure 9-28. Sustained UltraDMA Data In Burst Timing Diagram
tDS
tDH
tDS
tDH
tDH
tDVH
tDVS
tDVH
tDVS
tDVH
t2CYC
tCYC
tCYC
t2CYC
IDE_DATA[15:0]
at device
IDE_DATA[15:0]
at host
IDE_IRDY0
(DSTROBE0)
at device
IDE_IRDY0
(DSTROBE0)
at host
Note:
IDE_DATA[15:0] and IDE_IRDY[0:1] (DSTROBE[0:1]) signals are shown at both the host and the device to
emphasize that cable settling time and cable propagation delay do not allow the data signals to be considered sta-
ble at the host until a certain amount of time after they are driven by the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More