Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC3200 Fiches technique(PDF) 38 Page - Advanced Micro Devices

No de pièce SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Fiches technique(HTML) 38 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 34Page - Advanced Micro Devices SC3200 Datasheet HTML 35Page - Advanced Micro Devices SC3200 Datasheet HTML 36Page - Advanced Micro Devices SC3200 Datasheet HTML 37Page - Advanced Micro Devices SC3200 Datasheet HTML 38Page - Advanced Micro Devices SC3200 Datasheet HTML 39Page - Advanced Micro Devices SC3200 Datasheet HTML 40Page - Advanced Micro Devices SC3200 Datasheet HTML 41Page - Advanced Micro Devices SC3200 Datasheet HTML 42Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 447 page
background image
38
AMD Geode™ SC3200 Processor Data Book
Signal Definitions
Revision 5.1
Table 3-3. 432-EBGA Ball Assignment - Sorted Alphabetically by Signal Name
Signal Name
Ball No.
A0
A17
A1
D16
A2
A18
A3
A15
A4
A16
A5
A14
A6
C15
A7
B14
A8
C14
A9
B13
A10
C13
A11
C12
A12
A12
A13
C11
A14
A11
A15
B10
A16
A7
A17
C7
A18
D7
A19
A6
A20
D6
A21
C6
A22
A5
A23
F4
AB1C
AJ13
AB1D
AL12
AB2C
AJ12
AB2D
AL11
AC97_CLK
AJ14
AC97_RST#
AJ15
ACK#
U3
AD0
A17
AD1
D16
AD2
A18
AD3
A15
AD4
A16
AD5
A14
AD6
C15
AD7
B14
AD8
C14
AD9
B13
AD10
C13
AD11
C12
AD12
A12
AD13
C11
AD14
A11
AD15
B10
AD16
A7
AD17
C7
AD18
D7
AD19
A6
AD20
D6
AD21
C6
AD22
A5
AD23
F4
AD24
C5
AD25
D5
AD26
A4
AD27
B4
AD28
C4
AD29
A3
AD30
C2
AD31
B3
AFD#/DSTRB#
AB2
AVCCUSB
AF4
AVSSPLL2
R3
AVSSPLL3
E28
AVSSUSB
AG1
BA0
P30
BA1
P31
BHE#
B5
BIT_CLK
AL14
BOOT16
G4
BUSY/WAIT#
T1
C/BE0#
A13
C/BE1#
A10
C/BE2#
D8
C/BE3#
A8
CASA#
N30
CKEA
AC28
CLK27M
A23
CLK32
H29
CLKSEL0
F3
CLKSEL1
B27
CLKSEL2
AK3
CLKSEL3
AL13
CS0#
P29
CS1#
AK29
CTS2#
AJ2
D0
C5
D1
D5
D2
A4
D3
B4
D4
C4
D5
A3
D6
C2
D7
B3
D8
A13
Signal Name
Ball No.
D9
A10
D10
D8
D11
A8
D12
C10
D13
B8
D14
C8
D15
D9
DCD2#
AG4
DEVSEL#
B5
DID0
D4
DID1
D2
DNEG_PORT1
AG3
DNEG_PORT2
AG2
DNEG_PORT3
AF3
DOCCS#
H3, AJ13
DOCR#
F1
DOCW#
G3
DPOS_PORT1
AH2
DPOS_PORT2
AH1
DPOS_PORT3
AE4
DQM0
M31
DQM1
AF31
DQM2
AL26
DQM3
AJ21
DQM4
T28
DQM5
AC30
DQM6
AJ26
DQM7
AJ20
DSR2#
AJ1
DTR1#/BOUT1
A28
DTR2#/BOUT2
AH3
ERR#
AA3
F_AD0
AA1
F_AD1
Y1
F_AD2
W3
F_AD3
W2
F_AD4
V1
F_AD5
V2
F_AD6
V3
F_AD7
U1
F_C/BE0#
AA3
F_C/BE1#
T1
F_C/BE2#
T3
F_C/BE3#
T4
F_DEVSEL#
AL15
F_FRAME#
AB1
F_GNT0#
AK14
F_IRDY#
W1
F_STOP#
AJ15
Signal Name
Ball No.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More