| Moteur de recherche de fiches techniques de composants électroniques |
|
SC3200 Fiches technique(PDF) 31 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
SC3200 Fiches technique(HTML) 31 Page - Advanced Micro Devices |
|
31 / 447 page ![]() AMD Geode™ SC3200 Processor Data Book 31 Signal Definitions Revision 5.1 C21 IDE_IOR0# O O1/4 VIO PMR[24] = 0 TFTD10 O O1/4 PMR[24] = 1 C22 IDE_DATA6 I/O INTS1, TS1/4 VIO PMR[24] = 0 IRQ9 I INTS1 PMR[24] = 1 C23 IDE_DATA3 I/O INTS1, TS1/4 VIO PMR[24] = 0 TFTD12 O O1/4 PMR[24] = 1 C24 IDE_DREQ0 I INTS1 VIO PMR[24] = 0 TFTD8 O O1/4 PMR[24] = 1 C25 IDE_DACK0# O O1/4 VIO PMR[24] = 0 TFTD0 O O1/4 PMR[24] = 1 C26 IDE_ADDR1 O O1/4 VIO PMR[24] = 0 TFTD2 O O1/4 PMR[24] = 1 C27 OVER_CUR# I INTS VIO --- C28 TEST1 O O2/5 VIO PMR[29] = 1 PLL6B I/O INTS, TS2/5 PMR[29] = 0 C29 VIO PWR --- --- --- C30 X32I I WIRE VBAT --- C31 VPLL3 PWR --- --- --- D1 PCIRST# O OPCI VIO --- D2 GNT1# O OPCI VIO --- DID1 I (PD100) INSTRP Strap (See Table 3-6 on page 58.) D3 PCICLK0 O OPCI VIO --- FPCI_MON I (PD100) INSTRP Strap (See Table 3-6 on page 58.) D4 GNT0# O OPCI VIO --- DID0 I (PD100) INSTRP Strap (See Table 3-6 on page 58.) D5 AD25 I/O INPCI, OPCI VIO Cycle Multiplexed D1 I/O INPCI, OPCI D6 AD20 I/O INPCI, OPCI VIO Cycle Multiplexed A20 O OPCI D7 AD18 I/O INPCI, OPCI VIO Cycle Multiplexed A18 O OPCI D8 C/BE2# I/O (PU22.5) INPCI, OPCI VIO Cycle Multiplexed D10 I/O (PU22.5) INPCI, OPCI D9 STOP# I/O (PU22.5) INPCI, OPCI VIO Cycle Multiplexed D15 I/O (PU22.5) INPCI, OPCI D10 VSS GND --- --- --- Ball No. Signal Name I/O (PU/ PD) Buffer1 Type Power Rail Configuration D11 VCORE PWR --- --- --- D12 VSS GND --- --- --- D13 VCORE PWR --- --- --- D14 VSS GND --- --- --- D15 VCORE PWR --- --- --- D16 AD1 I/O INPCI, OPCI VIO Cycle Multiplexed A1 O OPCI D17 VCORE PWR --- --- --- D18 VSS GND --- --- --- D19 VCORE PWR --- --- --- D20 VSS GND --- --- --- D21 VCORE PWR --- --- --- D22 VSS GND --- --- --- D23 IDE_DATA2 I/O INTS1, TS1/4 VIO PMR[24] = 0 TFTD14 O O1/4 PMR[24] = 1 D24 IDE_IOW0# O O1/4 VIO PMR[24] = 0 TFTD9 O O1/4 PMR[24] = 1 D25 IRQ14 I INTS1 VIO PMR[24] = 0 TFTD1 O O1/4 PMR[24] = 1 D26 SIN1 I INTS VIO --- D27 X27O O WIRE VIO --- D28 TEST0 O O2/5 VIO PMR[29] = 1 PLL2B I/O INT, TS2/5 PMR[29] = 0 D29 X32O O WIRE VBAT --- D30 VBAT PWR --- --- --- D31 LED# O OD14 VSB --- E1 FRAME# I/O (PU22.5) INPCI, OPCI VIO --- E2 PCICLK I INT VIO --- E3 REQ1# I (PU22.5) INPCI VIO --- E4 PCICLK1 O OPCI VIO --- LPC_ROM I (PD100) INSTRP Strap (See Table 3-6 on page 58.) E28 AVSSPLL3 GND --- --- --- E29 PWRBTN# I (PU100) INBTN VSB --- E303, 4 ONCTL# O OD14 VSB --- E31 GPWIO0 I/O (PU100) INTS, TS2/14 VSB --- F1 IOR# O O3/5 VIO PMR[21] = 0 and PMR[2] = 0 DOCR# O O3/5 PMR[21] = 0 and PMR[2] = 1 GPIO14 I/O (PU22.5) INTS, O3/ 5 PMR[21] = 1 and PMR[2] = 1 F2 VSS GND --- --- --- Ball No. Signal Name I/O (PU/ PD) Buffer1 Type Power Rail Configuration Table 3-2. 432-EBGA Ball Assignment - Sorted by Ball Number (Continued) |