Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC3200 Fiches technique(PDF) 55 Page - Advanced Micro Devices

No de pièce SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Fiches technique(HTML) 55 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 51Page - Advanced Micro Devices SC3200 Datasheet HTML 52Page - Advanced Micro Devices SC3200 Datasheet HTML 53Page - Advanced Micro Devices SC3200 Datasheet HTML 54Page - Advanced Micro Devices SC3200 Datasheet HTML 55Page - Advanced Micro Devices SC3200 Datasheet HTML 56Page - Advanced Micro Devices SC3200 Datasheet HTML 57Page - Advanced Micro Devices SC3200 Datasheet HTML 58Page - Advanced Micro Devices SC3200 Datasheet HTML 59Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
55
Signal Definitions
Revision 5.1
F_STOP#
U29
F_TRDY#
U30
FP_VDD_ON
V30, AB1
FPCI_MON
A4
FPCICLK
B18
FRAME#
D8
GNT0#
C5
GNT1#
C6
GPIO0
D11
GPIO1
D10, N30
GPIO6
D28
GPIO7
C30
GPIO8
C31
GPIO9
C28
GPIO10
B29
GPIO11
AJ8
GPIO12
N29
GPIO13
M29
GPIO14
D9
GPIO15
A8
GPIO16
V31
GPIO17
A10
GPIO18
AG1
GPIO19
C9
GPIO20
A9, N31
GPIO32
M28
GPIO33
L31
GPIO34
L30
GPIO35
L29
GPIO36
L28
GPIO37
K31
GPIO38/IRRX2
K28
GPIO39
J31
GPIO40
Y3
GPIO41
W4
GPWIO0
AH6
GPWIO1
AK5
GPWIO2
AJ6
GTEST
F30
GXCLK
V30
HSYNC
A11
IDE_ADDR0
AD3
IDE_ADDR1
AE1
IDE_ADDR2
U2
IDE_CS0#
AF2
IDE_CS1#
P2
IDE_DACK0#
AD4
IDE_DACK1#
C30
IDE_DATA0
AC3
Signal Name
Ball No.
IDE_DATA1
AC1
IDE_DATA2
AC2
IDE_DATA3
AB4
IDE_DATA4
AB1
IDE_DATA5
AA4
IDE_DATA6
AA3
IDE_DATA7
AA2
IDE_DATA8
Y3
IDE_DATA9
Y2
IDE_DATA10
Y1
IDE_DATA11
W4
IDE_DATA12
W3
IDE_DATA13
V3
IDE_DATA14
V2
IDE_DATA15
V1
IDE_DREQ0
AC4
IDE_DREQ1
C31
IDE_IOR0#
Y4
IDE_IOR1#
D28
IDE_IORDY0
AD1
IDE_IORDY1
B29
IDE_IOW0#
AD2
IDE_IOW1#
C28
IDE_RST#
AA1
INIT#
B21
INTA#
D26
INTB#
C26
INTC#
C9
INTD#
AA2
INTR_O
D22
IOCHRDY
C9
IOCS0#
A10
IOCS1#
D10
IOCS1#
N30
IOR#
D9
IOW#
A8
IRDY#
F2
IRQ9
AA3
IRQ14
AF1
IRQ15
AJ8
IRRX1
AK8
IRTX
C11
LAD0
M28
LAD1
L31
LAD2
L30
LAD3
L29
LDRQ#
L28
LED#
AL4
LFRAME#
K31
Signal Name
Ball No.
LOCK#
H3
LPC_ROM
D6
LPCPD#
K28
MA0
AL14
MA1
AH15
MA2
AK15
MA3
AJ24
MA4
AL24
MA5
AK23
MA6
AJ23
MA7
AL23
MA8
AH22
MA9
AH21
MA10
AJ14
MA11
AH26
MA12
AL28
MD0
AJ9
MD1
AK9
MD2
AL9
MD3
AH10
MD4
AL10
MD5
AH11
MD6
AJ11
MD7
AK11
MD8
AL25
MD9
AL27
MD10
AL26
MD11
AJ26
MD12
AK27
MD13
AH24
MD14
AK26
MD15
AK24
MD16
AK29
MD17
AJ31
MD18
AH28
MD19
AJ28
MD20
AH30
MD21
AG28
MD22
AJ30
MD23
AL29
MD24
AB28
MD25
AC28
MD26
AC29
MD27
AC30
MD28
AE31
MD29
AD29
MD30
AD30
MD31
AD31
MD32
AJ15
Signal Name
Ball No.
Table 3-5.
481-TEPBGA Ball Assignment - Sorted Alphabetically by Signal Name (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More