| Moteur de recherche de fiches techniques de composants électroniques |
|
SC3200 Fiches technique(PDF) 57 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
SC3200 Fiches technique(HTML) 57 Page - Advanced Micro Devices |
|
57 / 447 page ![]() AMD Geode™ SC3200 Processor Data Book 57 Signal Definitions Revision 5.1 VIO (Total of 46) A2, A12, A30, B2, B13, B16, B19, B31, C3, C7, C10, C13, C22, C25, C29, D14, D15, D18, D23, G3, G29, K2, K29, M3, M30, W1, W31, AB3, AB29, AE3, AE29, AH4, AH14, AH18, AJ7, AJ10, AJ22, AJ25, AJ29, AK1, AK13, AK16, AK19, AK31, AL2, AL30 VPCKIN F31 VPD0 J30 VPD1 J29 VPD2 J28 VPD3 H31 VPD4 H30 VPD5 H29 VPD6 H28 VPD7 G31 VPLL2 A17 VPLL3 AJ4 VSB AL5 VSBL AL6 Signal Name Ball No. VSS (Total of 96) A1, A13, A16, A19, A31, B1, B7, B10, B14, B22, B24, B25, B30, C12, C14, C15, D7, D13, D19, D25, G2, G4, G28, G30, K3, K30, M1, M31, N4, N15, N16, N17, N28, P15, P16, P17, R1, R2, R3, R4, R13, R14, R15, R16, R17, R18, R19, R28, R29, R30, R31, T13, T14, T15, T16, T17, T18, T19, U13, U14, U15, U16, U17, U18, U19, V4, V15, V16, V17, V28, W2, W15, W16, W17, W30, AB2, AB30, AE2, AE4, AE28, AE30, AH7, AH13, AH19, AH25, AK2, AK7, AK10, AK22, AK25, AK30, AL1, AL13, AL16, AL19, AL31 VSYNC B11 Signal Name Ball No. WEA# AH12 WR# B9 X27I AG3 X27O AH2 X32I AJ2 X32O AJ3 Signal Name Ball No. Table 3-5. 481-TEPBGA Ball Assignment - Sorted Alphabetically by Signal Name (Continued) |