| Moteur de recherche de fiches techniques de composants électroniques |
|
SC3200 Fiches technique(PDF) 46 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
SC3200 Fiches technique(HTML) 46 Page - Advanced Micro Devices |
|
46 / 447 page ![]() 46 AMD Geode™ SC3200 Processor Data Book Signal Definitions Revision 5.1 D10 GPIO1 I/O (PU22.5) INT, O3/ 5 VIO PMR[23]3 = 0 and PMR[13] = 0 IOCS1# O (PU22.5) O3/5 VIO PMR[23]3 = 0 and PMR[13] = 1 TFTD12 O (PU22.5) O1/4 VIO PMR[23]3 = 1 D11 TRDE# O O3/5 VIO PMR[12] = 0 GPIO0 I/O (PU22.5) INTS, O3/5 VIO PMR[12] = 1 D12 VCORE PWR --- --- --- D13 VSS GND --- --- --- D14 VIO PWR --- --- --- D15 VIO PWR --- --- --- D16 NC --- --- --- --- D175, 2 PE I (PU22.5 PD22.5) INT VIO PMR[23]3 = 0 and (PMR[27] = 0 and FPCI_MON = 0) (PU/PD under soft- ware control.) TFTD14 O O1/4 PMR[23]3 = 1 and (PMR[27] = 0 and FPCI_MON = 0) F_C/BE2# O O1/4 PMR[23]3 = 0 and (PMR[27] = 1 or FPCI_MON = 1) D18 VIO PWR --- --- --- D19 VSS GND --- --- --- D205, 2 PD2 I/O INT, O14/14 VIO PMR[23]3 = 0 and (PMR[27] = 0 and FPCI_MON = 0) TFTD8 O O1/4 PMR[23]3 = 1 and (PMR[27] = 0 and FPCI_MON = 0) F_AD2 O O14/14 PMR[23]3 = 0 and (PMR[27] = 1 or FPCI_MON = 1) D215, 2 ERR# I INT, O1/ 4 VIO PMR[23]3 = 0 and (PMR[27] = 0 and FPCI_MON = 0) TFTD4 O O1/4 PMR[23]3 = 1 and (PMR[27] = 0 and FPCI_MON = 0) F_C/BE0# O O1/4 PMR[23]3 = 0 and (PMR[27] = 1 or FPCI_MON = 1) D225, 2 AFD#/DSTRB# O O14/14 VIO PMR[23]3 = 0 and (PMR[27] = 0 and FPCI_MON = 0) TFTD2 O O1/4 PMR[23]3 = 1 and (PMR[27] = 0 and FPCI_MON = 0) INTR_O O O14/14 PMR[23]3 = 0 and (PMR[27] = 1 or FPCI_MON = 1) D23 VIO PWR --- --- --- D24 NC --- --- --- --- D25 VSS GND --- --- --- Ball No. Signal Name I/O (PU/PD) Buffer1 Type Power Rail Configuration D26 INTA# I (PU22.5) INPCI VIO --- D27 AVCCUSB PWR --- --- --- D28 GPIO6 I/O (PU22.5) INTS, O1/4 VIO PMR[18] = 0 and PMR[8] = 0 DTR2#/BOUT2 O (PU22.5) O1/4 PMR[18] = 1 and PMR[8] = 0 IDE_IOR1# O (PU22.5) O1/4 PMR[18] = 0 and PMR[8] = 1 SDTEST5 O (PU22.5) O2/5 PMR[18] = 1 and PMR[8] = 1 D29 SOUT2 O O8/8 VIO --- CLKSEL2 I (PD100) INSTRP Strap (See Table 3- 6 on page 58.) D30 TDP I/O Diode --- --- D31 TDN I/O WIRE VIO --- E1 AD16 I/O INPCI, OPCI VIO Cycle Multiplexed A16 O OPCI E2 AD19 I/O INPCI, OPCI VIO Cycle Multiplexed A19 O OPCI E3 AD18 I/O INPCI, OPCI VIO Cycle Multiplexed A18 O OPCI E4 DEVSEL# I/O (PU22.5) INPCI, OPCI VIO Cycle Multiplexed BHE# O OPCI E28 SIN2 I INTS VIO PMR[28] = 0 SDTEST3 O O2/5 PMR[28] = 1 E29 TRST# I (PU22.5) INPCI VIO --- E30 TDO O OPCI VIO --- E31 TCK I (PU22.5) INPCI VIO --- F1 TRDY# I/O (PU22.5) INPCI, OPCI VIO Cycle Multiplexed D13 I/O (PU22.5) INPCI, OPCI F2 IRDY# I/O (PU22.5) INPCI, OPCI VIO Cycle Multiplexed D14 I/O (PU22.5) INPCI, OPCI F3 C/BE2# I/O (PU22.5) INPCI, OPCI VIO Cycle Multiplexed D10 I/O (PU22.5) INPCI, OPCI F4 AD17 I/O INPCI, OPCI VIO Cycle Multiplexed A17 O OPCI F28 TMS I (PU22.5) INPCI VIO --- Ball No. Signal Name I/O (PU/PD) Buffer1 Type Power Rail Configuration Table 3-4. 481-TEPBGA Ball Assignment - Sorted by Ball Number (Continued) |