Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC3200 Fiches technique(PDF) 406 Page - Advanced Micro Devices

No de pièce SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Fiches technique(HTML) 406 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 402Page - Advanced Micro Devices SC3200 Datasheet HTML 403Page - Advanced Micro Devices SC3200 Datasheet HTML 404Page - Advanced Micro Devices SC3200 Datasheet HTML 405Page - Advanced Micro Devices SC3200 Datasheet HTML 406Page - Advanced Micro Devices SC3200 Datasheet HTML 407Page - Advanced Micro Devices SC3200 Datasheet HTML 408Page - Advanced Micro Devices SC3200 Datasheet HTML 409Page - Advanced Micro Devices SC3200 Datasheet HTML 410Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 406 / 447 page
background image
406
AMD Geode™ SC3200 Processor Data Book
Electrical Specifications
Revision 5.1
Figure 9-26. Multiword DMA Data Transfer Timing Diagram
tM
tN
tL
tj
tK
tD
tI
tE
tZ
tF
tG
tG
tH
t0
IDE_CS[1:0]#
IDE_DATA[15:0]
IDE_DATA[15:0]
IDE_DREQ0
IDE_DACK0#
IDE_IOR0#
IDE_IOW0#
Notes:
1)
For Multiword DMA transfers, the Device may negate IDE_DREQ[0:1] within the tL specified time once IDE_DACK[0:1
is asserted, and reassert it again at a later time to resume the DMA operation. Alternatively, if the device is able to co
tinue the transfer of data, the device may leave IDE_DREQ[0:1] asserted and wait for the host to reasse
IDE_DACK[0:1]#.
2)
This signal can be negated by the host to Suspend the DMA transfer in process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More