Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC3200 Fiches technique(PDF) 411 Page - Advanced Micro Devices

No de pièce SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Fiches technique(HTML) 411 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 407Page - Advanced Micro Devices SC3200 Datasheet HTML 408Page - Advanced Micro Devices SC3200 Datasheet HTML 409Page - Advanced Micro Devices SC3200 Datasheet HTML 410Page - Advanced Micro Devices SC3200 Datasheet HTML 411Page - Advanced Micro Devices SC3200 Datasheet HTML 412Page - Advanced Micro Devices SC3200 Datasheet HTML 413Page - Advanced Micro Devices SC3200 Datasheet HTML 414Page - Advanced Micro Devices SC3200 Datasheet HTML 415Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 411 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
411
Electrical Specifications
Revision 5.1
Figure 9-30. Device Terminating an UltraDMA Data In Burst Timing Diagram
IDE_DATA[15:0]
(device)
IDE_CS[0:1]#
IDE_ADDR[2:0]
CR
tACK
tDVH
tDVS
tZAH
tAZ
tSS
tLI
tACK
tIORDZ
tACK
tMLI
tLI
tLI
IDE_IRDY0
(DSTROBE0)
(device)
IDE_IOR0# (HDMARDY0#)
(host)
IDE_IOW0# (STOP0#)
(host)
IDE_DACK0#
(host)
IDE_DREQ0
(device)
Note:
The definitions for the IDE_IOW[0:1]# (STOP[0:1]#), IDE_IOR[0:1]# (HDMARDY[0:1]#), and IDE_IRDY[0:1]
(DSTROBE[0:1]) signal lines are no longer in effect after IDE_DREQ[0:1] and IDE_DACK[0:1]# are de-asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More