Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC3200 Fiches technique(PDF) 85 Page - Advanced Micro Devices

No de pièce SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Fiches technique(HTML) 85 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 81Page - Advanced Micro Devices SC3200 Datasheet HTML 82Page - Advanced Micro Devices SC3200 Datasheet HTML 83Page - Advanced Micro Devices SC3200 Datasheet HTML 84Page - Advanced Micro Devices SC3200 Datasheet HTML 85Page - Advanced Micro Devices SC3200 Datasheet HTML 86Page - Advanced Micro Devices SC3200 Datasheet HTML 87Page - Advanced Micro Devices SC3200 Datasheet HTML 88Page - Advanced Micro Devices SC3200 Datasheet HTML 89Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
85
Signal Definitions
Revision 5.1
SDTEST5
AH3
D28
O
Memory Internal Test Signals. These sig-
nals are used for internal testing only. For
normal operation, these signals should be
programmed as one of their muxed options.
GPIO6+
DTR2#/BOUT2+
IDE_IOR1#
SDTEST4
AJ2
C31
O
GPIO8+CTS2#+
IDE_DREQ1
SDTEST3
AJ4
E28
O
SIN2
SDTEST2
AG4
C28
O
GPIO9+DCD2#+
IDE_IOW1#
SDTEST1
AJ1
B29
O
GPIO10+DSR2#
+IDE_IORDY1
SDTEST0
AH4
C30
O
GPIO7+RTS2#+
IDE_DACK1#
TDP
AH5
D30
I/O
Thermal Diode Positive / Negative. These
signals are for internal testing only. For nor-
mal operation leave unconnected.
---
TDN
AL3
D31
I/O
---
3.4.19
Test and Measurement Interface Signals (Continued)
Signal Name
Ball No.
Type
Description
Mux
EBGA
TEPBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More