| Moteur de recherche de fiches techniques de composants électroniques |
|
SC3200 Fiches technique(PDF) 40 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
SC3200 Fiches technique(HTML) 40 Page - Advanced Micro Devices |
|
40 / 447 page ![]() 40 AMD Geode™ SC3200 Processor Data Book Signal Definitions Revision 5.1 MD35 V30 MD36 V29 MD37 W31 MD38 W30 MD39 W29 MD40 AC31 MD41 AB29 MD42 AB30 MD43 AB31 MD44 AA29 MD45 AA31 MD46 Y29 MD47 Y31 MD48 AH26 MD49 AL25 MD50 AJ25 MD51 AH25 MD52 AL24 MD53 AK24 MD54 AJ24 MD55 AH24 MD56 AJ17 MD57 AL17 MD58 AJ18 MD59 AK18 MD60 AL18 MD61 AJ19 MD62 AK19 MD63 AL19 NC (Total of 13) K1, M3, N2, P1, P2, AB3, AC1, AC2, AD1, AD2, AD3, AD4, AE1 ONCTL# E30 OVER_CUR# C27 PAR C10 PC_BEEP AL15 PCICLK E2 PCICLK0 D3 PCICLK1 E4 PCIRST# D1 PD0 AA1 PD1 Y1 PD2 W3 PD3 W2 PD4 V1 PD5 V2 PD6 V3 PD7 U1 Signal Name Ball No. PE T3 PERR# B9 PLL2B D28 PLL5B B29 PLL6B C28 POR# J29 POWER_EN B28 PWRBTN# E29 PWRCNT1 F31 PWRCNT2 G31 RASA# N31 RD# F3 REQ0# C1 REQ1# E3 RI2# H30 ROMCS# G4 RTS2# AH4 SDATA_IN AK14 SDATA_IN2 H31 SDATA_OUT AK13 SDCLK_IN AJ30 SDCLK_OUT AH28 SDCLK0 AC29 SDCLK1 AH16 SDCLK2 AL20 SDCLK3 AJ16 SDTEST0 AH4 SDTEST1 AJ1 SDTEST2 AG4 SDTEST3 AJ4 SDTEST4 AJ2 SDTEST5 AH3 SERIRQ AL8 SERR# A9 SIN1 D26 SIN2 AJ4 SIN3 J28 SLCT T4 SLIN#/ASTRB# W1 SMI_O Y3 SOUT1 B27 SOUT2 AK3 SOUT3 J3 STB#/WRITE# AB1 STOP# D9 SYNC AL13 TCK AL4 TDI AK5 Signal Name Ball No. TDN AL3 TDO AH6 TDP AH5 TEST0 D28 TEST1 C28 TEST2 B29 TEST3 AL16 TFT_PRSNT AK13 TFTD0 C25, H3 TFTD1 D25, V3 TFTD10 C21, V1 TFTD11 A25, V2 TFTD12 C23, H2 TFTD13 B19, U1 TFTD14 D23, T3 TFTD15 A19, T4 TFTD16 A24, W1 TFTD17 C18, AB1 TFTD2 C26, AB2 TFTD3 A26, T1 TFTD4 C17, AA3 TFTD5 A27, Y3 TFTD6 B24, AA1 TFTD7 B18, Y1 TFTD8 C24, W3 TFTD9 D24, W2 TFTDCK A22, J4 TFTDE C16, U3 THRM# F28 TMS AJ5 TRDE# H1 TRDY# B8 TRST# AK4 VBAT D30 VCORE (Total of 26) D11, D13, D15, D17, D19, D21, K3, L4, L28, N4, N28, R4, R28, T30, U4, U28, W4, W28, AA4, AA28, AH11, AH13, AH15, AH17, AH19, AH21 Signal Name Ball No. Table 3-3. 432-EBGA Ball Assignment - Sorted Alphabetically by Signal Name (Continued) |