Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC3200 Fiches technique(PDF) 41 Page - Advanced Micro Devices

No de pièce SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Fiches technique(HTML) 41 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 37Page - Advanced Micro Devices SC3200 Datasheet HTML 38Page - Advanced Micro Devices SC3200 Datasheet HTML 39Page - Advanced Micro Devices SC3200 Datasheet HTML 40Page - Advanced Micro Devices SC3200 Datasheet HTML 41Page - Advanced Micro Devices SC3200 Datasheet HTML 42Page - Advanced Micro Devices SC3200 Datasheet HTML 43Page - Advanced Micro Devices SC3200 Datasheet HTML 44Page - Advanced Micro Devices SC3200 Datasheet HTML 45Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
41
Signal Definitions
Revision 5.1
VIO (Total of 35)
A2, A30, B1, B6,
B11, B16, B20,
B25, B31, C3,
C29, G2, G30,
L3, M1, M2, M30,
N1, T2, Y2, Y30,
AC3, AE2, AE30,
AJ3, AJ29, AK1,
AK6, AK11,
AK16, AK20,
AK25, AK31,
AL2, AL30
VPCKIN
AH7
VPD0
AH9
VPD1
AK8
VPD2
AJ8
VPD3
AL7
VPD4
AH8
VPD5
AL6
VPD6
AJ7
VPD7
AJ6
VPLL2
R1
Signal Name
Ball No.
VPLL3
C31
VSB
F29
VSBL
H28
VSS (Total of 61)
A1, A31, B2, B7,
B12, B15, B17,
B21, B26, B30,
D10, D12, D14,
D18, D20, D22,
F2, F30, K2, K4,
K28, L1, L2, L30,
M4, M28, N3, P3,
P4, P28, R2, R30,
U2, U30, V4, V28,
Y4, Y28, AA2,
AA30, AB4,
AB28, AC4, AF2,
AF30, AH10,
AH12, AH14,
AH18, AH20,
AH22, AK2, AK7,
AK12, AK15,
AK17, AK21,
AK26, AK30,
AL1, AL31
Signal Name
Ball No.
VSYNC
J2
WEA#
N29
WR#
G1
X27I
A29
X27O
D27
X32I
C30
X32O
D29
Signal Name
Ball No.
Table 3-3.
432-EBGA Ball Assignment - Sorted Alphabetically by Signal Name (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More