| Moteur de recherche de fiches techniques de composants électroniques |
|
SC3200 Fiches technique(PDF) 33 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
SC3200 Fiches technique(HTML) 33 Page - Advanced Micro Devices |
|
33 / 447 page ![]() AMD Geode™ SC3200 Processor Data Book 33 Signal Definitions Revision 5.1 N3 VSS GND --- --- --- N4 VCORE PWR --- --- --- N28 VCORE PWR --- --- --- N29 WEA# O O2/5 VIO --- N30 CASA# O O2/5 VIO --- N31 RASA# O O2/5 VIO --- P1 NC --- --- --- --- P2 NC --- --- --- --- P3 VSS GND --- --- --- P4 VSS GND --- --- --- P28 VSS GND --- --- --- P29 CS0# O O2/5 VIO --- P30 BA0 O O2/5 VIO --- P31 BA1 O O2/5 VIO --- R1 VPLL2 PWR --- --- --- R2 VSS GND --- --- --- R3 AVSSPLL2 GND --- --- --- R4 VCORE PWR --- --- --- R28 VCORE PWR --- --- --- R29 MA10 O O2/5 VIO --- R30 VSS GND --- --- --- R31 MA0 O O2/5 VIO --- T13, 4 BUSY/WAIT# I INT VIO PMR[23]2 = 0 and (PMR[27] = 0 and FPCI_MON = 0) TFTD3 O O1/4 PMR[23]2 = 1 and (PMR[27] = 0 and FPCI_MON = 0) F_C/BE1# O O1/4 PMR[23]2 = 0 and (PMR[27] = 1 or FPCI_MON = 1) T2 VIO PWR --- --- --- T33, 4 PE I (PU22.5 PD22.5) INT VIO PMR[23]2 = 0 and (PMR[27] = 0 and FPCI_MON = 0) (PU/PD under soft- ware control.) TFTD14 O O1/4 PMR[23]2 = 1 and (PMR[27] = 0 and FPCI_MON = 0) F_C/BE2# O O1/4 PMR[23]2 = 0 and (PMR[27] = 1 or FPCI_MON = 1) T43, 4 SLCT I INT VIO PMR[23]2 = 0 and (PMR[27] = 0 and FPCI_MON = 0) TFTD15 O O1/4 PMR[23]2 = 1 and (PMR[27] = 0 and FPCI_MON = 0) F_C/BE3# O O1/4 PMR[23]2 = 0 and (PMR[27] = 1 or FPCI_MON = 1) T28 DQM4 O O2/5 VIO --- Ball No. Signal Name I/O (PU/ PD) Buffer1 Type Power Rail Configuration T29 MA2 O O2/5 VIO --- T30 VCORE PWR --- --- --- T31 MA1 O O2/5 VIO --- U13, 4 PD7 I/O INT, O14/ 14 VIO PMR[23]2 = 0 and (PMR[27] = 0 and FPCI_MON = 0) TFTD13 O O1/4 PMR[23]2 = 1 and (PMR[27] = 0 and FPCI_MON = 0) F_AD7 O O14/14 PMR[23]2 = 0 and (PMR[27] = 1 or FPCI_MON = 1) U2 VSS GND --- --- --- U33, 4 ACK# I INT VIO PMR[23]2 = 0 and (PMR[27] = 0 and FPCI_MON = 0) TFTDE O O1/4 PMR[23]2 = 1 and (PMR[27] = 0 and FPCI_MON = 0) FPCICLK O O1/4 PMR[23]2 = 0 and (PMR[27] = 1 or FPCI_MON = 1) U4 VCORE PWR --- --- --- U28 VCORE PWR --- --- --- U293 MD33 I/O INT, TS2/5 VIO --- U30 VSS GND --- --- --- U313 MD32 I/O INT, TS2/5 VIO --- V13, 4 PD4 I/O INT, O14/ 14 VIO PMR[23]2 = 0 and (PMR[27] = 0 and FPCI_MON = 0) TFTD10 O O1/4 PMR[23]2 = 1 and (PMR[27] = 0 and FPCI_MON = 0) F_AD4 O O14/14 PMR[23]2 = 0 and (PMR[27] = 1 or FPCI_MON = 1) V23, 4 PD5 I/O INT, O14/ 14 VIO PMR[23]2 = 0 and (PMR[27] = 0 and FPCI_MON = 0) TFTD11 O O1/4 PMR[23]2 = 1 and (PMR[27] = 0 and FPCI_MON = 0) F_AD5 O O14/14 PMR[23]2 = 0 and (PMR[27] = 1 or FPCI_MON = 1) V33, 4 PD6 I/O INT, O14/ 14 VIO PMR[23]2 = 0 and (PMR[27] = 0 and FPCI_MON = 0) TFTD1 O O1/4 PMR[23]2 = 1 and (PMR[27] = 0 and FPCI_MON = 0 F_AD6 O O14/14 PMR[23]2 = 0 and (PMR[27] = 1 or FPCI_MON = 1) V4 VSS GND --- --- --- V28 VSS GND --- --- --- V293 MD36 I/O INT, TS2/5 VIO --- Ball No. Signal Name I/O (PU/ PD) Buffer1 Type Power Rail Configuration Table 3-2. 432-EBGA Ball Assignment - Sorted by Ball Number (Continued) |