Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC3200 Fiches technique(PDF) 39 Page - Advanced Micro Devices

No de pièce SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Fiches technique(HTML) 39 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 35Page - Advanced Micro Devices SC3200 Datasheet HTML 36Page - Advanced Micro Devices SC3200 Datasheet HTML 37Page - Advanced Micro Devices SC3200 Datasheet HTML 38Page - Advanced Micro Devices SC3200 Datasheet HTML 39Page - Advanced Micro Devices SC3200 Datasheet HTML 40Page - Advanced Micro Devices SC3200 Datasheet HTML 41Page - Advanced Micro Devices SC3200 Datasheet HTML 42Page - Advanced Micro Devices SC3200 Datasheet HTML 43Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
39
Signal Definitions
Revision 5.1
F_TRDY#
AL14
FP_VDD_ON
B23, AL16
FPCI_MON
D3
FPCICLK
U3
FRAME#
E1
GNT0#
D4
GNT1#
D2
GPIO0
H1
GPIO1
H2, AL12
GPIO6
AH3
GPIO7
AH4
GPIO8
AJ2
GPIO9
AG4
GPIO10
AJ1
GPIO11
H30
GPIO12
AJ12
GPIO13
AL11
GPIO14
F1
GPIO15
G3
GPIO16
AL15
GPIO17
J4
GPIO18
A28
GPIO19
H4
GPIO20
H3, AJ13
GPIO32
AJ11
GPIO33
AL10
GPIO34
AK10
GPIO35
AJ10
GPIO36
AL9
GPIO37
AK9
GPIO38/IRRX2
AJ9
GPIO39
AL8
GPIO40
A21
GPIO41
C19
GPWIO0
E31
GPWIO1
G28
GPWIO2
G29
GTEST
AL5
GXCLK
AL16
HSYNC
J1
IDE_ADDR0
A26
IDE_ADDR1
C26
IDE_ADDR2
C17
IDE_CS0#
A27
IDE_CS1#
C16
IDE_DACK0#
C25
IDE_DACK1#
AH4
IDE_DATA0
B24
IDE_DATA1
A24
Signal Name
Ball No.
IDE_DATA2
D23
IDE_DATA3
C23
IDE_DATA4
B23
IDE_DATA5
A23
IDE_DATA6
C22
IDE_DATA7
B22
IDE_DATA8
A21
IDE_DATA9
C20
IDE_DATA10
A20
IDE_DATA11
C19
IDE_DATA12
B19
IDE_DATA13
A19
IDE_DATA14
C18
IDE_DATA15
B18
IDE_DREQ0
C24
IDE_DREQ1
AJ2
IDE_IOR0#
C21
IDE_IOR1#
AH3
IDE_IORDY0
A25
IDE_IORDY1
AJ1
IDE_IOW0#
D24
IDE_IOW1#
AG4
IDE_RST#
A22
INIT#
Y3
INTA#
AE3
INTB#
AF1
INTC#
H4
INTD#
B22
INTR_O
AB2
IOCHRDY
H4
IOCS0#
J4
IOCS1#
H2, AL12
IOR#
F1
IOW#
G3
IRDY#
C8
IRQ14
D25
IRQ15
H30
IRQ9
C22
IRRX1
J28
IRTX
J3
LAD0
AJ11
LAD1
AL10
LAD2
AK10
LAD3
AJ10
LDRQ#
AL9
LED#
D31
LFRAME#
AK9
LOCK#
C9
LPC_ROM
E4
Signal Name
Ball No.
LPCPD#
AJ9
MA0
R31
MA1
T31
MA2
T29
MA3
AE28
MA4
AE29
MA5
AE31
MA6
AD28
MA7
AD29
MA8
AD30
MA9
AD31
MA10
R29
MA11
AG28
MA12
AH29
MD0
J30
MD1
J31
MD2
K29
MD3
K30
MD4
K31
MD5
L29
MD6
L31
MD7
M29
MD8
AG30
MD9
AG29
MD10
AH31
MD11
AH30
MD12
AJ31
MD13
AG31
MD14
AF28
MD15
AF29
MD16
AL29
MD17
AL28
MD18
AK28
MD19
AJ28
MD20
AL27
MD21
AK27
MD22
AJ27
MD23
AH27
MD24
AL21
MD25
AJ22
MD26
AK22
MD27
AL22
MD28
AH23
MD29
AJ23
MD30
AK23
MD31
AL23
MD32
U31
MD33
U29
MD34
V31
Signal Name
Ball No.
Table 3-3.
432-EBGA Ball Assignment - Sorted Alphabetically by Signal Name (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More