| Moteur de recherche de fiches techniques de composants électroniques |
|
SC3200 Fiches technique(PDF) 35 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
SC3200 Fiches technique(HTML) 35 Page - Advanced Micro Devices |
|
35 / 447 page ![]() AMD Geode™ SC3200 Processor Data Book 35 Signal Definitions Revision 5.1 AD1 NC --- --- --- --- AD2 NC --- --- --- --- AD3 NC --- --- --- --- AD4 NC --- --- --- --- AD28 MA6 O O2/5 VIO --- AD29 MA7 O O2/5 VIO --- AD30 MA8 O O2/5 VIO --- AD31 MA9 O O2/5 VIO --- AE1 NC --- --- --- --- AE2 VIO PWR --- --- --- AE3 INTA# I (PU22.5) INPCI VIO --- AE43 DPOS_PORT3 I/O INUSB, OUSB AVC- CUSB --- AE28 MA3 O O2/5 VIO --- AE29 MA4 O O2/5 VIO --- AE30 VIO PWR --- --- --- AE31 MA5 O O2/5 VIO --- AF1 INTB# I (PU22.5) INPCI VIO --- AF2 VSS GND --- --- --- AF33 DNEG_PORT3 I/O INUSB, OUSB AVC- CUSB --- AF4 AVCCUSB PWR --- --- --- AF283 MD14 I/O INT, TS2/5 VIO --- AF293 MD15 I/O INT, TS2/5 VIO --- AF30 VSS GND --- --- --- AF31 DQM1 O O2/5 VIO --- AG1 AVSSUSB GND --- --- --- AG23 DNEG_PORT2 I/O INUSB, OUSB AVC- CUSB --- AG33 DNEG_PORT1 I/O INUSB, OUSB AVC- CUSB --- AG4 GPIO9 I/O (PU22.5) INTS, O1/ 4 VIO PMR[18] = 0 and PMR[8] = 0 DCD2# I (PU22.5) INTS PMR[18] = 1 and PMR[8] = 0 IDE_IOW1# O (PU22.5) O1/4 PMR[18] = 0 and PMR[8] = 1 SDTEST2 O (PU22.5) O2/5 PMR[18] = 1 and PMR[8] = 1 AG28 MA11 O O2/5 VIO --- AG293 MD9 I/O INT, TS2/5 VIO --- AG303 MD8 I/O INT, TS2/5 VIO --- AG313 MD13 I/O INT, TS2/5 VIO --- AH13 DPOS_PORT2 I/O INUSB, OUSB AVC- CUSB --- AH23 DPOS_PORT1 I/O INUSB, OUSB AVC- CUSB --- Ball No. Signal Name I/O (PU/ PD) Buffer1 Type Power Rail Configuration AH3 GPIO6 I/O (PU22.5) INTS, O1/ 4 VIO PMR[18] = 0 and PMR[8] = 0 DTR2#/BOUT2 O (PU22.5) O1/4 PMR[18] = 1 and PMR[8] = 0 IDE_IOR1# O (PU22.5) O1/4 PMR[18] = 0 and PMR[8] = 1 SDTEST5 O (PU22.5) O2/5 PMR[18] = 1 and PMR[8] = 1 AH4 GPIO7 I/O (PU22.5) INTS, O1/ 4 VIO PMR[17] = 0 and PMR[8] = 0 RTS2# O (PU22.5) O1/4 PMR[17] = 1 and PMR[8] = 0 IDE_DACK1# O (PU22.5) O1/4 PMR[17] = 0 and PMR[8] = 1 SDTEST0 O (PU22.5) O2/5 PMR[17] = 1 and PMR[8] = 1 AH5 TDP I/O Diode --- --- AH6 TDO O OPCI VIO --- AH7 VPCKIN I INT VIO --- AH8 VPD4 I INT VIO --- AH9 VPD0 I INT VIO --- AH10 VSS GND --- --- --- AH11 VCORE PWR --- --- --- AH12 VSS GND --- --- --- AH13 VCORE PWR --- --- --- AH14 VSS GND --- --- --- AH15 VCORE PWR --- --- --- AH16 SDCLK1 O O2/5 VIO --- AH17 VCORE PWR --- --- --- AH18 VSS GND --- --- --- AH19 VCORE PWR --- --- --- AH20 VSS GND --- --- --- AH21 VCORE PWR --- --- --- AH22 VSS GND --- --- --- AH233 MD28 I/O INT, TS2/5 VIO --- AH243 MD55 I/O INT, TS2/5 VIO --- AH253 MD51 I/O INT, TS2/5 VIO --- AH263 MD48 I/O INT, TS2/5 VIO --- AH273 MD23 I/O INT, TS2/5 VIO --- AH28 SDCLK_OUT O O2/5 VIO --- AH29 MA12 O O2/5 VIO --- AH303 MD11 I/O INT, TS2/5 VIO --- AH313 MD10 I/O INT, TS2/5 VIO --- AJ1 GPIO10 I/O (PU22.5) INTS, O8/ 8 VIO PMR[18] = 0 and PMR[8] = 0 DSR2# I (PU22.5) INTS PMR[18] = 1 and PMR[8] = 0 IDE_IORDY1 I (PU22.5) INTS1 PMR[18] = 0 and PMR[8] = 1 SDTEST1 O (PU22.5) O2/5 PMR[18] = 1 and PMR[8] = 1 Ball No. Signal Name I/O (PU/ PD) Buffer1 Type Power Rail Configuration Table 3-2. 432-EBGA Ball Assignment - Sorted by Ball Number (Continued) |