Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STLC5460 Fiches technique(PDF) 49 Page - STMicroelectronics

No de pièce STLC5460
Description  LINE CARD INTERFACE CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5460 Fiches technique(HTML) 49 Page - STMicroelectronics

Back Button STLC5460 Datasheet HTML 45Page - STMicroelectronics STLC5460 Datasheet HTML 46Page - STMicroelectronics STLC5460 Datasheet HTML 47Page - STMicroelectronics STLC5460 Datasheet HTML 48Page - STMicroelectronics STLC5460 Datasheet HTML 49Page - STMicroelectronics STLC5460 Datasheet HTML 50Page - STMicroelectronics STLC5460 Datasheet HTML 51Page - STMicroelectronics STLC5460 Datasheet HTML 52Page - STMicroelectronics STLC5460 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 54 page
background image
Ex 5:PCM to MUX
10 10 001 0
PCM
1
TS 2
Destination Register
0 0 1 0 1 1 0 1
MUX 1
TS 13
(or
MUX 1
B2 of GCI 3)
Broadcast
AND
The output MUX 0-TS 25 receives the contents of the input PCM 1-TS 2
Source Register
Destination Register
0 0 0 1 1 0 0 1
MUX 0
TS 25
(or
MUX 0
B2 of GCI 6)
The output MUX 1-TS 13 receives the contents of the input PCM 1-TS 2
and so on
Source Register
01 00 0 0 0 0
Insert Register A
Destination Register
0 0 0 1 1 1 0 0
MUX 0
TS 28
(or
MUX 0
B1 of GCI 7)
AND
The output MUX 1-TS 21 receives the contents of the Insert Register A
The output MUX 0-TS 28 receives the contents of the Insert Register A
Broadcast
Destination Register
0 0 11 010 1
MUX 1
TS 21
(or
MUX 1
B2 of GCI 5)
Ex 6:Insert Register A to MUX
One source to several destinations
Figure 7: Switching & Broadcast
STLC5460
49/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54