| Moteur de recherche de fiches techniques de composants électroniques |
|
STLC5460 Fiches technique(PDF) 46 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLC5460 Fiches technique(HTML) 46 Page - STMicroelectronics |
|
46 / 54 page ![]() WRITE MEMORY Re a d Sta t u s Re g is te r B USY Re a d Sta t u s Re g is te r Writ e Co m m a n d Re g iste r w ith R /W=0 Writ e S o u rce R e g is t e r Writ e D e s tin ation Re g is te r EN D Re a d Statu s Re g is te r B USY Re a d Statu s Re g is te r Writ e Co m m a n d Re g iste r w it h R/W=1 Writ e D e s tin a tion R e gis t e r B USY R e a d Comm an d Re g is te r (o p tio n a l) Re a d So u rc e Re g ist er EN D Yes No Yes No Yes No READ MEMORY Re a d Statu s Re g is te r Re a d Statu s Re g is te r R e ad D es tin atio n R egis te r (o p t io n a l) Figure 4: Control or Auxiliary Memory Accesses MEMORY ACCESS ALGORITHM STLC5460 46/54 |