| Moteur de recherche de fiches techniques de composants électroniques |
|
STLC5460 Fiches technique(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLC5460 Fiches technique(HTML) 18 Page - STMicroelectronics |
|
18 / 54 page ![]() IP01/IP00 Incoming PCM0 Assignment. IP01 IP00 Incoming PCM2 receives data from 0 0 1 1 0 1 0 1 Pin RxD0(Default value) Pin RxD1 Pin RxD2 Pin RxD3 OUTPUT PIN ASSIGNMENT REGISTER (OPASS) 7 0 OP31 OP30 OP21 OP20 OP11 OP10 OP01 OP00 After Reset E4 (H) OP31/OP30 Output Pin 3 Assignment. OP31 OP30 Pin TxD3 receives data from 0 0 1 1 0 1 0 1 Outgoing PCM0 Outgoing PCM1 Outgoing PCM2 Outgoing PCM3 (Default Value) OP21/OP20 Output Pin 2 Assignment. OP31 OP30 Pin TxD2 receives data from 0 0 1 1 0 1 0 1 Outgoing PCM0 Outgoing PCM1 Outgoing PCM2 (Default Value) Outgoing PCM3 OP11/OP10 Output Pin 1 Assignment. OP11 OP10 Pin TxD1 receives data from 0 0 1 1 0 1 0 1 Outgoing PCM0 Outgoing PCM1 (Default Value) Outgoing PCM2 Outgoing PCM3 OP01/OP00 Output Pin 0 Assignment. OP01 OP00 Pin TxD0 receives data from 0 0 1 1 0 1 0 1 Outgoing PCM0 (Default Value) Outgoing PCM1 Outgoing PCM2 Outgoing PCM3 INPUT MULTIPLEX ASSIGNMENT REGISTER (IMASS) 7 0 - - - - 0IM1 0IM0 After Reset 04 (H) IM1 Incoming Multiplex 1 Assignment. IM1 Incoming Multiplex 1 receives data from 0 1 Pin DIN 0 Pin DIN 1 (Default Value) STLC5460 18/54 |