| Moteur de recherche de fiches techniques de composants électroniques |
|
STLC5460 Fiches technique(PDF) 47 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLC5460 Fiches technique(HTML) 47 Page - STMicroelectronics |
|
47 / 54 page ![]() Ex 1: Source Register 1 1 0 0 0 0 1 1 PCM 2 TS 3 Destination Register 0 0 1 0 1 1 0 1 MUX 1 TS 13 (or MUX 1 B2 of GCI 3) The output MUX 1-TS 13 receives the contents of the input PCM 2-TS 3 Simple switching (BID=0) Bidirectional switching (BID=1) The output MUX 1-TS 13 receives the contents of the input PCM2-TS 3 AND The output PCM 2-TS 3 receives the contents of the input MUX 1-TS 13 Ex 2: Source Register 0 1 0 0 0 0 0 0 Insert Register A Destination Register 0 0 10110 1 MUX 1 TS 13 (or MUX 1 B2 of GCI 3) The output MUX 1-TS 13 receives the contents of the Insert Register A Simple switching (BID=0) Bidirectional switching (BID=1) AND The Extract Register A receives the contents of the input MUX 1-TS 13 The output MUX 1-TS 13 receives the contents of the Insert Register A Figure 5: Bidirectional Switching CHANNELS AT 64kbit/s STLC5460 47/54 |