| Moteur de recherche de fiches techniques de composants électroniques |
|
STLC5460 Fiches technique(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLC5460 Fiches technique(HTML) 45 Page - STMicroelectronics |
|
45 / 54 page ![]() Table 3: Auxiliary Memory Addresss MUX CHANNEL Destination Register - MON TX - M0 G2 G1 G0 MUX 0 CI RX - 00 0 GCI channel 0 to 7 TX 0 1 GCI channel 0 to 7 MON RX 1 0 GCI channel 0 to 7 TX 1 1 GCI channel 0 to 7 MUX 1 CI RX 0 0 1 GCI channel 0 to 7 TX 0 1 GCI channel 0 to 7 MON RX 1 0 GCI channel 0 to 7 TX 1 1 GCI channel 0 to 7 Table 4: Auxiliary Memory Data CHANNEL Source Register TX Command Indicate - - C6 C5 C4 C3 C2 C1 RX Command Indicate OVR PR C6 C5 C4 C3 C2 C1 TX and RX Monitor M8 M7 M6 M5 M4 M3 M2 M1 C1/6: Primitive PR: Primitive received OVR: Overrun M1/8: Byte STLC5460 45/54 |