| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7058 Fiches technique(PDF) 116 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7058 Fiches technique(HTML) 116 Page - ams-OSRAM AG |
|
116 / 199 page ![]() AS7058 Register description Datasheet • PUBLIC • Document Feedback DS001077 • v2-00 • 2025-Sep-24 116 / 199 / 8.7 Photodiodes 8.7.1 PDSEL_CFG register (Address 0x59) Table 85: PDSEL_CFG register Addr: 0x59 PDSEL_CFG Bit Bit name Default Access Bit description 0 pdref_sel 0 RW Select the PDREF voltage. 0: PDREF connected to PPG common-mode voltage during measurement 1: Always connected to AGND 8.7.2 PPG1_PDSEL1 register (Address 0x5a) Table 86: PPG1_PDSEL1 register Addr: 0x5a PPG1_PDSEL1 Bit Bit name Default Access Bit description 7 ppg1_pdsel_sub1 0 RW Selects PD8 for MOD1 in subsample 1. 0: Disabled 1: Enabled 6 0 RW Selects PD7 for MOD1 in subsample 1, explanation at bit 7. 5 0 RW Selects PD6 for MOD1 in subsample 1, explanation at bit 7. 4 0 RW Selects PD5 for MOD1 in subsample 1, explanation at bit 7. 3 0 RW Selects PD4 for MOD1 in subsample 1, explanation at bit 7. 2 0 RW Selects PD3 for MOD1 in subsample 1, explanation at bit 7. 1 0 RW Selects PD2 for MOD1 in subsample 1, explanation at bit 7. 0 0 RW Selects PD1 for MOD1 in subsample 1, explanation at bit 7. |