Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7058 Fiches technique(PDF) 112 Page - ams-OSRAM AG

No de pièce AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Fiches technique(HTML) 112 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 108Page - ams-OSRAM AG AS7058 Datasheet HTML 109Page - ams-OSRAM AG AS7058 Datasheet HTML 110Page - ams-OSRAM AG AS7058 Datasheet HTML 111Page - ams-OSRAM AG AS7058 Datasheet HTML 112Page - ams-OSRAM AG AS7058 Datasheet HTML 113Page - ams-OSRAM AG AS7058 Datasheet HTML 114Page - ams-OSRAM AG AS7058 Datasheet HTML 115Page - ams-OSRAM AG AS7058 Datasheet HTML 116Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 199 page
background image
AS7058
Register description
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
112 / 199
/
8.6.21
LED_SUB5 (Address 0x54)
Table 80: LED_SUB5 register
Addr: 0x54
LED_SUB5
Bit
Bit name
Default
Access
Bit description
6:4
sub5_drv2_sel
0
RW
Select the LED used in subsample 5.
Only one LED from LED5 to LED8 must be active.
0: No LED used
1: LED5
2: LED6
3: LED7
4-7: LED8
2:0
sub5_drv1_sel
0
RW
Select the LED used in subsample 5.
Only one LED from LED1 to LED4 must be active.
0: No LED used
1: LED1
2: LED2
3: LED3
4-7: LED4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More