Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7058 Fiches technique(PDF) 118 Page - ams-OSRAM AG

No de pièce AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Fiches technique(HTML) 118 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 114Page - ams-OSRAM AG AS7058 Datasheet HTML 115Page - ams-OSRAM AG AS7058 Datasheet HTML 116Page - ams-OSRAM AG AS7058 Datasheet HTML 117Page - ams-OSRAM AG AS7058 Datasheet HTML 118Page - ams-OSRAM AG AS7058 Datasheet HTML 119Page - ams-OSRAM AG AS7058 Datasheet HTML 120Page - ams-OSRAM AG AS7058 Datasheet HTML 121Page - ams-OSRAM AG AS7058 Datasheet HTML 122Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 199 page
background image
AS7058
Register description
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
118 / 199
/
8.7.5
PPG1_PDSEL4 register (Address 0x5d)
Table 89: PPG1_PDSEL4 register
Addr: 0x5d
PPG1_PDSEL4
Bit
Bit name
Default
Access
Bit description
7
ppg1_pdsel_sub4
0
RW
Selects PD8 for MOD1 in subsample 4.
0: Disabled
1: Enabled
6
0
RW
Selects PD7 for MOD1 in subsample 4, explanation at bit 7.
5
0
RW
Selects PD6 for MOD1 in subsample 4, explanation at bit 7.
4
0
RW
Selects PD5 for MOD1 in subsample 4, explanation at bit 7.
3
0
RW
Selects PD4 for MOD1 in subsample 4, explanation at bit 7.
2
0
RW
Selects PD3 for MOD1 in subsample 4, explanation at bit 7.
1
0
RW
Selects PD2 for MOD1 in subsample 4, explanation at bit 7.
0
0
RW
Selects PD1 for MOD1 in subsample 4, explanation at bit 7.
8.7.6
PPG1_PDSEL5 register (Address 0x5e)
Table 90: PPG1_PDSEL5 register
Addr: 0x5e
PPG1_PDSEL5
Bit
Bit name
Default
Access
Bit description
7
ppg1_pdsel_sub5
0
RW
Selects PD8 for MOD1 in subsample 5.
0: Disabled
1: Enabled
6
0
RW
Selects PD7 for MOD1 in subsample 5, explanation at bit 7.
5
0
RW
Selects PD6 for MOD1 in subsample 5, explanation at bit 7.
4
0
RW
Selects PD5 for MOD1 in subsample 5, explanation at bit 7.
3
0
RW
Selects PD4 for MOD1 in subsample 5, explanation at bit 7.
2
0
RW
Selects PD3 for MOD1 in subsample 5, explanation at bit 7.
1
0
RW
Selects PD2 for MOD1 in subsample 5, explanation at bit 7.
0
0
RW
Selects PD1 for MOD1 in subsample 5, explanation at bit 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More