Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OPS2 Fiches technique(PDF) 113 Page - ABB

No de pièce OPS2
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABB [ABB]
Site Internet  http://www.abb.com
Logo ABB - ABB

OPS2 Fiches technique(HTML) 113 Page - ABB

Back Button OPS2 Datasheet HTML 109Page - ABB OPS2 Datasheet HTML 110Page - ABB OPS2 Datasheet HTML 111Page - ABB OPS2 Datasheet HTML 112Page - ABB OPS2 Datasheet HTML 113Page - ABB OPS2 Datasheet HTML 114Page - ABB OPS2 Datasheet HTML 115Page - ABB OPS2 Datasheet HTML 116Page - ABB OPS2 Datasheet HTML 117Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 192 page
background image
—
Manual switch-disconnectors OT160...4000
Dimensional drawings
Front operated non-fusible disconnect switches OT200...2000, base mounting, UL/CSA
A1
7,09
180
0,93
23,5
32,5
1,28
175,2
6,90
B1
C1
5,67
144
41,5
1,63
1,28
160
0,79
7,07
6,30
3,54
3/16
M5
32,5
mm
in
65
2,56
13,5
0,53
6
0,24
20
198
7,80
39
1,54
65
2,56
A
3,48
88,5
180
61,5/138,6
2,42/5,46
5,5
0,22
250
9,84
60,4
2,38
5
0,20
45
1,77
12
0,47
22
0,87
125
4,92
min 20
min 0,79
114
4,49
26
1,02
160...285
6,30...11,22
(OXP 12 x 185)
45
1,77
C00013_/13OT630_800_01_04 B
OT600
[mm/in]
U01
U02
U03
U04
A
136/5,35
201/7,91
266/10,47
331/13,03
A1
112/4,41
177/6,97
242/9,53
307/12,09
B1130/5,12195/7,68 260/10,24
325/12,80
C1148/5,83213/8,39 278/10,95
343/13,50
90
A1
7,09
180
0,93
23,5
32,5
1,28
175,2
6,90
B1
C1
5,67
144
41,5
1,63
1,28
160
0,79
7,07
6,30
3,54
3/16
M5
32,5
mm
in
65
2,56
13,5
0,53
6
0,24
20
198
7,80
39
1,54
65
2,56
A
3,48
88,5
180
61,5/138,6
2,42/5,46
5,5
0,22
250
9,84
60,4
2,38
5
0,20
45
1,77
12
0,47
22
0,87
125
4,92
min 20
min 0,79
114
4,49
26
1,02
160...285
6,30...11,22
(OXP 12 x 185)
45
1,77
C00013_/13OT630_800_01_04 B
OT600
[mm/in]
U01
U02
U03
U04
A
136/5,35
201/7,91
266/10,47
331/13,03
A1
112/4,41
177/6,97
242/9,53
307/12,09
B1130/5,12195/7,68 260/10,24
325/12,80
C1148/5,83213/8,39 278/10,95
343/13,50
90
OT600U_
6
0.24
45
1.77
13,5
0.53
65
2.56
9
0.35
18
0.71
180
7.09
175,2
6.90
144
5.67
114,5
4.51
38,9
1.53
80
3.15
32,5
1.28
39
1.54
B
130
5.12
A
160
6.30
5
0.20
110
4.33
174,5
6.87
122,3
4.82
324...422
12.76...16.61
(OXP 12X185)
45
1.77
U11
U12
U13
U22
A
156,3 / 6.15
156,3 / 6.15
156,3 / 6.15
221,3 / 8.71
B
201,4 / 7.93
266,4 / 10.49 331,4 / 13.05 331,4 / 13.05
mm
in
M5
12 / 0.47
6
0.24
45
1.77
13,5
0.53
65
2.56
9
0.35
18
0.71
180
7.09
175,2
6.90
144
5.67
114,5
4.51
38,9
1.53
80
3.15
32,5
1.28
39
1.54
B
130
5.12
A
160
6.30
5
0.20
110
4.33
174,5
6.87
122,3
4.82
324...422
12.76...16.61
(OXP 12X185)
45
1.77
U11
U12
U13
U22
A
156,3 / 6.15
156,3 / 6.15
156,3 / 6.15
221,3 / 8.71
B
201,4 / 7.93
266,4 / 10.49 331,4 / 13.05 331,4 / 13.05
mm
in
M5
12 / 0.47
Main dimensions mm, inches
OT600U_
[mm/in]
U01
U02
U03
U04
A
136/5,35 201/7,91
266/10,47 331/13,03
A1
112/4,41
177/6,97
242/9,53 307/12,09
B1
130/5,12
195/7,68
260/10,24 325/12,80
C1
148/5,83 213/8,39 278/10,95 343/13,50
C00013_/13OT630_800_01_04 B
OT600U_
[mm/in]
U11
U12
U13
U22
A
156,3/6.15
156,3/6.15
156,3/6.15
221,3/8.71
B
201,4/7.93 266,4/10.49 331,4/13.05 331,4/13.05
M00527/OT600U_ A
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
113
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
113