Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OPS2 Fiches technique(PDF) 116 Page - ABB

No de pièce OPS2
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABB [ABB]
Site Internet  http://www.abb.com
Logo ABB - ABB

OPS2 Fiches technique(HTML) 116 Page - ABB

Back Button OPS2 Datasheet HTML 112Page - ABB OPS2 Datasheet HTML 113Page - ABB OPS2 Datasheet HTML 114Page - ABB OPS2 Datasheet HTML 115Page - ABB OPS2 Datasheet HTML 116Page - ABB OPS2 Datasheet HTML 117Page - ABB OPS2 Datasheet HTML 118Page - ABB OPS2 Datasheet HTML 119Page - ABB OPS2 Datasheet HTML 120Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 192 page
background image
—
Manual switch-disconnectors OT160...4000
Dimensional drawings
Front operated non-fusible disconnect switches OT200...2000, base mounting, UL/CSA
ABB Oy
Piirustus No.
Document No.
Teki
13/OT1600-2000U02-04
A
2015-11-27
T Mäkkylä
Breakers and Switches
Prepared
OT 1600-2000U_
[mm/in]
02
03
04
A
125/4.92
125/4.92
125/4.92
A1
230/9.06
230/9.06
230/9.06
A2
335/13.2 460/18.12 585/23.05
B
365/14.38
490/19.3 615/24.23
ø10
0,39
A2
65
2.56
50
1.97
82
3.23
43
1.69
260
10.24
A1
A
B
147
5.79
63
2.48
546
21.51
258
8.98
327
12.88
373
14.69
12
0.47
206
8.12
358...444/14.1...17.49
(OXP12X185)
295
11.62
106
4.18
14
0.55
20
0.79
min
335
13.2
309
12.17
64,5
2.54
176
6.93
15
0.59
83
3.27
54
2.13
ø22
0.87
274
10.79
80
3.15
70
2.76
OT 1600-2000U_
[mm/in]
02
03
04
A
125/4.92
125/4.92
125/4.92
A1
230/9.06
230/9.06
230/9.06
A2
335/13.2
460/18.12 585/23.05
B
365/14.38 490/19.3
615/24.23
OT1600...2000U
Mechanism at the end of the switch
Main dimensions mm, inches
116
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
116
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION