Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OPS2 Fiches technique(PDF) 115 Page - ABB

No de pièce OPS2
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABB [ABB]
Site Internet  http://www.abb.com
Logo ABB - ABB

OPS2 Fiches technique(HTML) 115 Page - ABB

Back Button OPS2 Datasheet HTML 111Page - ABB OPS2 Datasheet HTML 112Page - ABB OPS2 Datasheet HTML 113Page - ABB OPS2 Datasheet HTML 114Page - ABB OPS2 Datasheet HTML 115Page - ABB OPS2 Datasheet HTML 116Page - ABB OPS2 Datasheet HTML 117Page - ABB OPS2 Datasheet HTML 118Page - ABB OPS2 Datasheet HTML 119Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 192 page
background image
ø10
0.39
260
10.24
A1
63
2.48
63
2.48
A
B
164
6.46
82
3.23
50
1.97
270
10.64
43
1.69
50
1.97
A2
546
21.51
373
14.69
328
12.92
258
8.98
176
6.93
64,5
2.54
309
12.17
335
13.2
15
0.59
83
3.27
206
8.12
106
4.18
14
0.55
295
11.62
358...444/14.1...17.49
(OXP12x185)
80
3.15
70
2.76
54
2.13
274
10.79
12
0.47
ø 22
0.87
OT 1600-2000U_
[mm/in]
12
13
22
A
125/4.92
125/4.92
125/4.92
A1
230/9.06
230/9.06
230/9.06
A2
415/16.35 540/21.27 540/21.27
B
445/17.53 570/22.46 570/22.46
M00496/OT2000U12-22 A
OT1600...2000U
Mechanism between the poles
—
Manual switch-disconnectors OT160...4000
Dimensional drawings
Front operated non-fusible disconnect switches OT200...2000, base mounting, UL/CSA
Main dimensions mm, inches
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
115
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
115