| Moteur de recherche de fiches techniques de composants électroniques |
|
OPS2 Fiches technique(PDF) 117 Page - ABB |
|
|
|||||||||||||||||||||||||||||
OPS2 Fiches technique(HTML) 117 Page - ABB |
|
117 / 192 page ![]() OT200US Without handle OT200US With direct mount handle 82 3.23 68 2.68 3-pole: 165,4/6.5 4-pole: 208,4/8.2 15 0.59 7,5 0.30 41 1.61 25 0.98 9 0.35 4 0.16 114 4.49 110 4.33 84 3.31 mm in M5 20 0.79 34,6 1.36 43 1.69 43 1.69 23 0.91 82,2 3.24 35,3 1.39 3-pole: 205,4/8.09 4-pole: 248,4/9.78 66,5 2.62 50 1.97 170 6.69 48,5 1.91 34,5 1.36 79,5 3.13 82 3.23 68 2.68 3-pole: 165,4/6.5 4-pole: 208,4/8.2 15 0.59 7,5 0.30 41 1.61 25 0.98 9 0.35 4 0.16 114 4.49 110 4.33 84 3.31 mm in M5 20 0.79 34,6 1.36 43 1.69 43 1.69 23 0.91 82,2 3.24 35,3 1.39 3-pole: 205,4/8.09 4-pole: 248,4/9.78 66,5 2.62 50 1.97 170 6.69 48,5 1.91 34,5 1.36 79,5 3.13 68 2.68 3-pole: 165,4/6.5 4-pole: 208,4/8.2 9 0.35 25 0.98 41 1.61 7,5 0.30 15 0.59 77,5 3.05 4 0.16 mm in M5 20 0.79 34,6 1.36 43 1.69 43 1.69 23 0.91 82,2 3.24 35,3 1.39 3-pole: 222,2/8.8 4-pole: 265,2/10.4 66,5 2.62 170 6.69 50 1.97 48,5 1.91 34,5 1.36 79,5 3.13 99,7 3.92 Drag_note 114 4.49 110 4.33 84 3.31 68 2.68 3-pole: 165,4/6.5 4-pole: 208,4/8.2 9 0.35 25 0.98 41 1.61 7,5 0.30 15 0.59 77,5 3.05 4 0.16 mm in M5 20 0.79 34,6 1.36 43 1.69 43 1.69 23 0.91 82,2 3.24 35,3 1.39 3-pole: 222,2/8.8 4-pole: 265,2/10.4 66,5 2.62 170 6.69 50 1.97 48,5 1.91 34,5 1.36 79,5 3.13 99,7 3.92 Drag_note 114 4.49 110 4.33 84 3.31 — Manual switch-disconnectors OT160...4000 Dimensional drawings Main dimensions mm, inches ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 117 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 117 |