| Moteur de recherche de fiches techniques de composants électroniques |
|
L9300 Fiches technique(PDF) 146 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9300 Fiches technique(HTML) 146 Page - STMicroelectronics |
|
146 / 178 page ![]() INTGLIM INTGLIM 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 R RW RW Address: Channel_X_BaseAddress + 0x08 Type: RW Reset: 0b0000 0000 0000 1001 0001 Description: - [19:8] unused [7:4] INTLIMVAL: Steady state integral absolute limit HW feedback see Hardware current control Reset events: VB_UV, GND_LOSS, POR, RES1 [3:0] TRINTLIMVAL: Transient integral absolute limit HW feedback see Hardware current control Reset events: VB_UV, GND_LOSS, POR, RES1 L9300 SPI interface and register mapping DS12258 - Rev 5 page 146/178 |