| Moteur de recherche de fiches techniques de composants électroniques |
|
L9300 Fiches technique(PDF) 142 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9300 Fiches technique(HTML) 142 Page - STMicroelectronics |
|
142 / 178 page ![]() SETPOINT SetPoint 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 R RW Address: Channel_X_BaseAddress + 0x04 Type: RW Reset: 0b0000 0000 0000 0000 0000 Description: Register store current setpoint code (HW mode current control). Current Control SETPOINT is coded into 11 bits. Current value depends on HILOAD bit). [19:11] unused [10:0] Current set-point code: see Hardware current control Reset events: VB_UV, GND_LOSS, POR, RES1, OVC detection, T_SD L9300 SPI interface and register mapping DS12258 - Rev 5 page 142/178 |