Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9300 Fiches technique(PDF) 147 Page - STMicroelectronics

No de pièce L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Fiches technique(HTML) 147 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 143Page - STMicroelectronics L9300 Datasheet HTML 144Page - STMicroelectronics L9300 Datasheet HTML 145Page - STMicroelectronics L9300 Datasheet HTML 146Page - STMicroelectronics L9300 Datasheet HTML 147Page - STMicroelectronics L9300 Datasheet HTML 148Page - STMicroelectronics L9300 Datasheet HTML 149Page - STMicroelectronics L9300 Datasheet HTML 150Page - STMicroelectronics L9300 Datasheet HTML 151Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 178 page
background image
AVGCUR
AVGCUR
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Address:
Channel_X_BaseAddress + 0x09
Type:
R
Reset:
0b0000 0000 0000 0000 0000
Description:
Register stores Average Current Code in 1 PWM period
[19:11] unused
[10:0] AVGCUR: Average current code in 1 PWM period (see Hardware current control)
Reset events: POR
L9300
SPI interface and register mapping
DS12258 - Rev 5
page 147/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More