Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9300 Fiches technique(PDF) 139 Page - STMicroelectronics

No de pièce L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Fiches technique(HTML) 139 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 135Page - STMicroelectronics L9300 Datasheet HTML 136Page - STMicroelectronics L9300 Datasheet HTML 137Page - STMicroelectronics L9300 Datasheet HTML 138Page - STMicroelectronics L9300 Datasheet HTML 139Page - STMicroelectronics L9300 Datasheet HTML 140Page - STMicroelectronics L9300 Datasheet HTML 141Page - STMicroelectronics L9300 Datasheet HTML 142Page - STMicroelectronics L9300 Datasheet HTML 143Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 178 page
background image
CONFIGURATION
CONFIGURATION
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
R
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Address:
Channel_X_BaseAddress + 0x01
Type:
RW
Reset:
0b0000 0000 0000 0000 0011
Description:
Configuration Register packs information related to the channel configuration.
Configuration register can be written only when channel is disabled (ENCHx = 0) or TRISTATED (DRVENAx = 0).
[19:16] unused
[15] SYNC TYPE:
0: Dither synchronization done at each dither step
1: Dither synchronization done at each dither period
Reset events: VB_UV, GND_LOSS, POR, RES1
[14] OFS_CMP_DIS:
0: Current Sense Offset Compensation active
1: Current Sense Offset Compensation disabled
Reset events: VB_UV, GND_LOSS, POR, RES1
[13] CALIBRATION_DIS:
0: Digital current sense calibration active
1: Digital current sense calibration disabled
Reset events: VB_UV, GND_LOSS, POR, RES1
[12] DITHER_SYNC_EN:
0: Dither PWM synchronization disabled
1: Dither PWM synchronization enabled
Reset events: VB_UV, GND_LOSS, POR, RES1
[11] Solenoid Current Feedback A/D Self Test:
0: Self Test disabled
1: Self Test enabled
Reset events: VB_UV, GND_LOSS, POR, RES1
L9300
SPI interface and register mapping
DS12258 - Rev 5
page 139/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More