Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7030B Fiches technique(PDF) 54 Page - ams AG

No de pièce AS7030B
Description  Biosensor Solution with Embedded ECG Channel
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS7030B Fiches technique(HTML) 54 Page - ams AG

Back Button AS7030B Datasheet HTML 50Page - ams AG AS7030B Datasheet HTML 51Page - ams AG AS7030B Datasheet HTML 52Page - ams AG AS7030B Datasheet HTML 53Page - ams AG AS7030B Datasheet HTML 54Page - ams AG AS7030B Datasheet HTML 55Page - ams AG AS7030B Datasheet HTML 56Page - ams AG AS7030B Datasheet HTML 57Page - ams AG AS7030B Datasheet HTML 58Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 129 page
background image
Document Feedback
AS7030B
Functional Description
Datasheet
• PUBLIC
DS000716
• v1-00 • 2020-Jun-10
128
│ 53
SEQ_SECLED_STO (Address 0x37)
Figure 49:
SEQ_SECLED_STO Register
Addr: 0x37
SEQ_SECLED_STO
Bit
Bit Name
Default
Access
Bit Description
7:0
seq_secled_stop
0
RW
Secondary LED stop time
SEQ_ITG_STA (Address 0x38)
Figure 50:
SEQ_ITG_STA Register
Addr: 0x38
SEQ_ITG_STA
Bit
Bit Name
Default
Access
Bit Description
7:0
seq_itg_start
0
RW
Integrator start time (start time=1 and stop
time=0 means that it is - by default - always ON)
Turning OFF the integrator actually means
discharge the capacitor. This is only useful in
capacitive integration mode, without the
synchronous demodulator.
The SEQ_ITG register sets the photoamplifier integration time. Data is stored as 8-bit value.
SEQ_ITG_STO (Address 0x39)
Figure 51:
SEQ_ITG_STO Register
Addr: 0x39
SEQ_ITG_STO
Bit
Bit Name
Default
Access
Bit Description
7:0
seq_itg_stop
0
RW
Integrator stop time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More