Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7030B Fiches technique(PDF) 90 Page - ams AG

No de pièce AS7030B
Description  Biosensor Solution with Embedded ECG Channel
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS7030B Fiches technique(HTML) 90 Page - ams AG

Back Button AS7030B Datasheet HTML 86Page - ams AG AS7030B Datasheet HTML 87Page - ams AG AS7030B Datasheet HTML 88Page - ams AG AS7030B Datasheet HTML 89Page - ams AG AS7030B Datasheet HTML 90Page - ams AG AS7030B Datasheet HTML 91Page - ams AG AS7030B Datasheet HTML 92Page - ams AG AS7030B Datasheet HTML 93Page - ams AG AS7030B Datasheet HTML 94Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 129 page
background image
Document Feedback
AS7030B
Functional Description
Datasheet
• PUBLIC
DS000716
• v1-00 • 2020-Jun-10
128
│ 89
Addr: 0x87
EAF_DAC_CFG
Bit
Bit Name
Default
Access
Bit Description
1:0
dac_mode
0
RW
DAC mode The EAF has a DAC that can be
switched out on GPIOs.
dac_mode 0 uses statically dac1_value, the
other modes switch dynamically between
the two values.
The system switches from one value to the
next always at the beginning of a sequence
in which the ADC will sample the AFE
channel.
Setting
Meaning
0
1-1-1-1-1-1-1-1-1-1-1-
1
1-2-1-2-1-2-1-2-1-2-1-
2
1-1-2-2-1-1-2-2-1-1-2-
3
1-1-1-1-2-2-2-2-1-1-1-
Possible Configurations of Every Amplifier Stage
Figure 114:
Non Inverting Amplifier with Offset and Input Voltage Divider (Temperature Sensor)
+
-
DAC
Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More