Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7030B Fiches technique(PDF) 6 Page - ams AG

No de pièce AS7030B
Description  Biosensor Solution with Embedded ECG Channel
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS7030B Fiches technique(HTML) 6 Page - ams AG

Back Button AS7030B Datasheet HTML 2Page - ams AG AS7030B Datasheet HTML 3Page - ams AG AS7030B Datasheet HTML 4Page - ams AG AS7030B Datasheet HTML 5Page - ams AG AS7030B Datasheet HTML 6Page - ams AG AS7030B Datasheet HTML 7Page - ams AG AS7030B Datasheet HTML 8Page - ams AG AS7030B Datasheet HTML 9Page - ams AG AS7030B Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 129 page
background image
Document Feedback
AS7030B
Functional Description
Datasheet
• PUBLIC
DS000716
• v1-00 • 2020-Jun-10
128
│ 5
1.3
Block Diagram
The functional blocks of this device are shown below:
Figure 2 :
Functional Blocks of AS7030B
AS7030B
SCL
SDA
ECG_REF
ECG_INN
ECG_INP
ENABLE
GPIO3
GPIO2
GPIO1
LDO
Reference
Block
Optical barrier
AGND
SIGREF
VDD
V_LDO
GND
VD1
VD3
VBAT
2.7V-5.5V
GPIO0
INT
VD4
VD2
Optical barrier
IR
LED1
LED4
LED2
CS1
CS4
ECG
Amplifier
Analog
Electrical
Frontend
(AFE)
Photodiodes
Optical
Frontend
(OFE)
ADC
I2C & digital control
Sequencer
CS3
CS4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More