Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7030B Fiches technique(PDF) 87 Page - ams AG

No de pièce AS7030B
Description  Biosensor Solution with Embedded ECG Channel
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS7030B Fiches technique(HTML) 87 Page - ams AG

Back Button AS7030B Datasheet HTML 83Page - ams AG AS7030B Datasheet HTML 84Page - ams AG AS7030B Datasheet HTML 85Page - ams AG AS7030B Datasheet HTML 86Page - ams AG AS7030B Datasheet HTML 87Page - ams AG AS7030B Datasheet HTML 88Page - ams AG AS7030B Datasheet HTML 89Page - ams AG AS7030B Datasheet HTML 90Page - ams AG AS7030B Datasheet HTML 91Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 129 page
background image
Document Feedback
AS7030B
Functional Description
Datasheet
• PUBLIC
DS000716
• v1-00 • 2020-Jun-10
128
│ 86
Addr: 0x80
EAF_GST
Bit
Bit Name
Default
Access
Bit Description
2
4
3
8
4
16
5
32
6
64
7
Reserved
The EAF register is used to configure the electrical frontend
EAF_BIAS (Address 0x81)
Figure 107:
EAF_BIAS Register
Addr: 0x81
EAF_BIAS
Bit
Bit Name
Default
Access
Bit Description
7:5
gpio_r_bias
0
RW
Resistive biasing
Setting
Meaning
0
No resistive biasing
1
Resistive biasing on GPIO0
2
Resistive biasing on GPIO1
3
Resistive biasing on GPIO2
4
Resistive biasing on GPIO3
5
Resistive biasing on ECG_REF
4:0
Not used
0
RW
Do not use
EAF_DAC (Address 0x82)
Figure 108:
EAF_DAC Register
Addr: 0x82
EAF_DAC
Bit
Bit Name
Default
Access
Bit Description
7:5
Do not use
0
RW
Do not use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More