| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7030B Fiches technique(PDF) 82 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS7030B Fiches technique(HTML) 82 Page - ams AG |
|
82 / 129 page ![]() Document Feedback AS7030B Functional Description Datasheet • PUBLIC DS000716 • v1-00 • 2020-Jun-10 128 │ 81 OFFSET1 (Address 0x2b) Figure 98: OFFSET1 Register Addr: 0x2b OFFSET1 Bit Bit Name Default Access Bit Description 7:0 offset0[7:0] 0 RW_SM This register holds the value of the offset on the channel 1 OpAmp. It can be overwritten, and it gets overwritten by the auto-zero mechanism. The value is in sign/magnitude encoding. The value is ±127, sign/magnitude LTF_THRESHOLD_LOW0 (Address 0x6c) Figure 99: LTF_THRESHOLD_LOW0 Register Addr: 0x6c LTF_THRESHOLD_LOW0 Bit Bit Name Default Access Bit Description 7:0 ltf_threshold_low[7:0] 00 RW If LTF returns a value above ltf_threshold_low (not equal), then the ltf_threshold_low interrupt can be triggered LTF_THRESHOLD_LOW1 (Address 0x6d) Figure 100: LTF_THRESHOLD_LOW1 Register Addr: 0x6d LTF_THRESHOLD_LOW1 Bit Bit Name Default Access Bit Description 7:0 ltf_threshold_low[15:8] 00 RW If LTF returns a value above ltf_threshold_low (not equal), then the ltf_threshold_low interrupt can be triggered |