Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7030B Fiches technique(PDF) 64 Page - ams AG

No de pièce AS7030B
Description  Biosensor Solution with Embedded ECG Channel
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS7030B Fiches technique(HTML) 64 Page - ams AG

Back Button AS7030B Datasheet HTML 60Page - ams AG AS7030B Datasheet HTML 61Page - ams AG AS7030B Datasheet HTML 62Page - ams AG AS7030B Datasheet HTML 63Page - ams AG AS7030B Datasheet HTML 64Page - ams AG AS7030B Datasheet HTML 65Page - ams AG AS7030B Datasheet HTML 66Page - ams AG AS7030B Datasheet HTML 67Page - ams AG AS7030B Datasheet HTML 68Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 129 page
background image
Document Feedback
AS7030B
Functional Description
Datasheet
• PUBLIC
DS000716
• v1-00 • 2020-Jun-10
128
│ 63
High Pass Filter
Two optional high pass filters can be used to remove unwanted DC-components from the signal and
allows further amplification. In order to guarantee fast settling times of the filter, four cutoff frequencies
can be chosen.
Gain Stage
Two optional gain stage can be used to amplify the signal after the DC-component has been removed.
Figure 75:
Optical Signal Conditioning Signal Path (25 Hz LED sampling rate example)
The LED that is periodically turned ON and OFF, samples the cardio-vascular pulse wave. The
photodiode measures the reflected light that is modulated by the LED sampling frequency (25 Hz in
the examples Figure 75). Unwanted light like red/IR ambient light or glass reflected LED light is not
modulated. The signal can be sent to the Pre-filter Block where an anti-aliasing filter removes the high
frequency noise, followed by a high pass filter that removes the low frequency noise and unwanted dc
light. After the synchronous demodulator demodulates the signal it is filtered and amplified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More