Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7030B Fiches technique(PDF) 22 Page - ams AG

No de pièce AS7030B
Description  Biosensor Solution with Embedded ECG Channel
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS7030B Fiches technique(HTML) 22 Page - ams AG

Back Button AS7030B Datasheet HTML 18Page - ams AG AS7030B Datasheet HTML 19Page - ams AG AS7030B Datasheet HTML 20Page - ams AG AS7030B Datasheet HTML 21Page - ams AG AS7030B Datasheet HTML 22Page - ams AG AS7030B Datasheet HTML 23Page - ams AG AS7030B Datasheet HTML 24Page - ams AG AS7030B Datasheet HTML 25Page - ams AG AS7030B Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 129 page
background image
Document Feedback
AS7030B
Register Description
Datasheet
• PUBLIC
DS000716
• v1-00 • 2020-Jun-10
128
│ 21
Addr
Name
<D7>
<D6>
<D5>
<D4>
<D3>
<D2>
<D1>
<D0>
0X8B
ADC_CHANN
EL_MASK_L
adc_cha
nnel_ma
sk_prega
in
adc_cha
nnel_ma
sk_afe
adc_cha
nnel_ma
sk_temp
adc_cha
nnel_ma
sk_sd2
adc_cha
nnel_ma
sk_ofe2
adc_cha
nnel_ma
sk_sd1
adc_cha
nnel_ma
sk_ofe1
adc_cha
nnel_ma
sk_tia
0X8C
ADC_CHANN
EL_MASK_H
Not used
Not used
Not used
Not used
adc_cha
nnel_ma
sk_gpio2
adc_cha
nnel_ma
sk_gpio3
adc_cha
nnel_ma
sk_ecgi
adc_cha
nnel_ma
sk_ecgo
0X8E
ADC_DATA_
L
adc_data[7:0]
0X8F
ADC_DATA_
H
Not used
Not used
adc_data[13:8]
0X78
FIFO_CFG
Not used
fifo_threshold[6:0]
0X79
FIFO_CNTRL
Not used
Not used
Not used
Not used
Not used
Not used
Not used
fifo_clear
0XFE
FIFOL
fifol[7:0]
0XFF
FIFOH
fifoh[7:0]
0x00
CONTROL
Not used
Not used
Not used
hs_en
Not used
clk_def
osc_en
ldo_en
0X08
GPIO_A
Not used
Not used
Not used
Not used
gpio3_a
gpio2_a
gpio1_a
gpio0_a
0X09
GPIO_E
Not used
Not used
Not used
Not used
gpio3_e
gpio2_e
gpio1_e
gpio0_e
0X0A
GPIO_O
Not used
Not used
Not used
Not used
gpio3_o
gpio2_0
gpio1_0
gpio0_0
0X0B
GPIO_I
Not used
Not used
Not used
Not used
gpio3_i
gpio2_i
gpio1_i
gpio0_i
0X0C
GPIO_P
gpio3_pd
gpio3_pu
gpio2_pd
gpio2_pu
gpio1_p
d
gpio1_pu
gpio0_pd
gpio0_pu
0X0D
GPIO_SR
Not used
Not used
Not used
Not used
gpio3_sr
gpio2_sr
gpio1_sr
gpio0_sr
0X91
SUBID
subid[4:0]
Revision[2:0]
0X92
ID
id[5:0]
id_reserved[1:0]
0XA0
STATUS
irq_led_s
upply_lo
w
irq_clipd
etect
irq_fifoov
erflow
irq_fifothr
eshold
irq_adc_t
hreshold
irq_ltf
irq_sequ
encer
irq_adc
0XA1
STATUS2
Not used
Not used
Not used
Not used
Not used
irq_ltf_thr
eshold_h
igh
irq_ltf_thr
eshold_l
ow
irq_ecg_t
hreshold
0XA2
CLIPSTATUS
Not used
Not used
Not used
Not used
pd_clipd
etect_l
pd_clipd
etect_h
sd_clipd
etect_l
sd_clipd
etect_h
0XA3
LEDSTATUS
Not used
Not used
Not used
Not used
led4_sup
ply_low
led3_sup
ply_low
led2_sup
ply_low
led1_sup
ply_low
0XA4
FIFOSTATUS
Not used
Not used
Not used
Not used
Not used
Not used
Not used
fifooverfl
ow
0XA5
LTFSTATUS
Not used
Not used
ltf1_thres
hold_hig
h
ltf1_thres
hold_low
ltf0_thres
hold_hig
h
ltf0_thres
hold_low
ltf_sat
ltf_done
0XA6
FIFOLEVEL
fifolevel[7:0]
0XA8
INTENAB
irq_led_s
upply_lo
w_enab
irq_clipd
etect_en
ab
irq_fifoov
erflow_e
na
irq_fifothr
eshold_e
nab
irq_adc_t
hreshold
_enab
irq_ltf_en
ab
irq_sequ
encer_en
ab
irq_adc_
enab
0XA9
INTENAB2
Not used
Not used
Not used
Not used
Not used
irq_ltf1_t
hreshold
_enab
irq_ltf0_t
hreshold
_enab
irq_ecg_t
hreshold
_enab
0XAA
INTR
irq_led_s
upply_lo
w_intr
irq_clipd
etect_intr
irq_fifoov
erflow_in
tr
irq_fifothr
eshold_i
ntr
irq_adc_t
hreshold
_intr
irq_ltf_int
r
irq_sequ
encer_int
r
irq_adc_i
ntr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More