| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7030B Fiches technique(PDF) 53 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS7030B Fiches technique(HTML) 53 Page - ams AG |
|
53 / 129 page ![]() Document Feedback AS7030B Functional Description Datasheet • PUBLIC DS000716 • v1-00 • 2020-Jun-10 128 │ 52 SEQ_LED_STA (Address 0x34) Figure 46: SEQ_LED_STA Register Addr: 0x34 SEQ_LED_STA Bit Bit Name Default Access Bit Description 7:0 seq_led_start 0 RW LED start time The SEQ_LED_STA register sets the LED drive timing. Data is stored as 8-bit value. SEQ_LED_STO (Address 0x35) Figure 47: SEQ_LED_STO Register Addr: 0x35 SEQ_LED_STO Bit Bit Name Default Access Bit Description 7:0 seq_led_stop 0 RW LED stop time The SEQ_LED_STO register sets the LED drive timing. Data is stored as 8-bit value. SEQ_SECLED_STA (Address 0x36) Figure 48: SEQ_SECLED_STA Register Addr: 0x36 SEQ_SECLED_STA Bit Bit Name Default Access Bit Description 7:0 seq_secled_start 0 RW Secondary LED start time The SEQ_LED register sets the secondary LED drive timing which is used in ledX_mode 6 only. Data is stored as 8-bit value. |