| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7030B Fiches technique(PDF) 20 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS7030B Fiches technique(HTML) 20 Page - ams AG |
|
20 / 129 page ![]() Document Feedback AS7030B Register Description Datasheet • PUBLIC DS000716 • v1-00 • 2020-Jun-10 128 │ 19 Addr Name <D7> <D6> <D5> <D4> <D3> <D2> <D1> <D0> 0X4A SEQ_DIS_SE L dis_sel2[3:0] dis_sel1[3:0] 0X4B SEQ_DIS_VA L1 Seq_dis_val1[7:0] 0X4C SEQ_DIS_VA L2 Seq_dis_val2[7:0] 0X60 CYC_COUNT ER cycle_counter[7:0] 0X61 SEQ_COUNT ER sequence_counter[7:0] 0X62 SUBS_COUN TER subs_counter[7:0] 0X50 OFE_CFGA ofe2_en ofe1_en en_bias_ ofe aa_freq[1:0] gain_sd[2:0] 0X51 OFE1_SD_TH CFG ofe1_sd_clipd_h_thresh [3:0] ofe1_sd_clipd_l_thresh [3:0] 0X52 OFE_CFGC Not used prefilter_ aa_byp prefilter_ hp_byp prefilter_ gain_byp prefilter_ bypass_ en prefilter_ aa_en prefilter_ hp_en prefilter_ gain_en 0X53 OFE_CFGD Not used notch_bw[1:0] ofe_sd_hp[2:0] ofe_gs_aa[1:0] 0X54 OFE1_CFGA ofe1_sd_ pol_init ofe1_sd_ en ofe1_hp_ en ofe1_gai n_en ofe1_sd _byp ofe1_hp_ byp ofe1_gai n_byp ofe1_sd_ hld 0X55 OFE1_CFGB ofe1_gain_g[2:0] ofe1_sd_bw[2:0] ofe1_hp_freq[1:0] 0X56 OFE2_PD_T HCFG ofe2_pd_clipd_h_thresh[3:0] ofe2_pd_clipd_l_thresh[3:0] 0X57 OFE2_SD_T HCFG ofe2_sd_clipd_h_thresh[3:0] ofe2_sd_clipd_l_thresh[3:0] 0X58 OFE2_CFGA ofe2_sd_ pol_init ofe2_sd_ en ofe2_hp_ en ofe2_gai n_en ofe2_sd _byp ofe2_hp_ byp ofe2_gai n_byp ofe2_sd_ hld 0X59 OFE2_CFGB ofe2_gain_g[2:0] ofe2_sd_bw[1:0] ofe2_hp_freq[1:0] 0X20 LTFDATA0_L ltfdata0[7:0] 0X21 LTFDATA0_H ltfdata0[15:8] 0X22 LTFDATA1_L ltfdata0[7:0] 0X23 LTFDATA1_H ltfdata1[15:8] 0X24 ITIME Itime[7:0] 0X25 LTF_CONFIG infinite_iti me az_disab le_auto az_mode[1:0] Not used ltf_prox_ mode ltf_fifo_m ode ltf_enabl e 0X26 LTF_SEL Not used ltf1_sel[2:0] Not used ltf0_sel[2:0] 0X27 LTF_GAIN Do not use Do not use itime_unit[1:0] ltf_gain[3:0] 0X28 LTF_CONTR OL Do not use Do not use Do not use Do not use Do not use Do not use Do not use ltf_start 0X29 AZ_CONTRO L Do not use Do not use Do not use Do not use Do not use Do not use az_enabl e_1 az_enabl e_0 0X2A OFFSET0 offset0[7:0] 0X2B OFFSET1 offset0[7:0] 0X6C LTF_THRESH OLD_LOW0 ltf_threshold_low[7:0] |