Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7030B Fiches technique(PDF) 56 Page - ams AG

No de pièce AS7030B
Description  Biosensor Solution with Embedded ECG Channel
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS7030B Fiches technique(HTML) 56 Page - ams AG

Back Button AS7030B Datasheet HTML 52Page - ams AG AS7030B Datasheet HTML 53Page - ams AG AS7030B Datasheet HTML 54Page - ams AG AS7030B Datasheet HTML 55Page - ams AG AS7030B Datasheet HTML 56Page - ams AG AS7030B Datasheet HTML 57Page - ams AG AS7030B Datasheet HTML 58Page - ams AG AS7030B Datasheet HTML 59Page - ams AG AS7030B Datasheet HTML 60Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 129 page
background image
Document Feedback
AS7030B
Functional Description
Datasheet
• PUBLIC
DS000716
• v1-00 • 2020-Jun-10
128
│ 55
SEQ_SDP2_STO (Address 0x3d)
Figure 55:
SEQ_SDP2_STO Register
Addr: 0x3d
SEQ_SDP2_STO
Bit
Bit Name
Default
Access
Bit Description
7:0
seq_sdp2_stop
0
RW
Positive multiplication stop time 2
SEQ_SDM1_STA (Address 0x3e)
Figure 56:
SEQ_SDM1_STA Register
Addr: 0x3e
SEQ_SDM1_STA
Bit
Bit Name
Default
Access
Bit Description
7:0
seq_sdm1_start
0
RW
Negative multiplication start time 1
The SEQ_SDM1 register sets the synchronous demodulator negative multiplication time 1. Data is
stored as 8-bit value
SEQ_SDM1_STO (Address 0x3f)
Figure 57:
SEQ_SDM1_STO Register
Addr: 0x3f
SEQ_SDM1_STO
Bit
Bit Name
Default
Access
Bit Description
7:0
seq_sdm1_stop
0
RW
Negative multiplication stop time 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More