Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7030B Fiches technique(PDF) 24 Page - ams AG

No de pièce AS7030B
Description  Biosensor Solution with Embedded ECG Channel
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS7030B Fiches technique(HTML) 24 Page - ams AG

Back Button AS7030B Datasheet HTML 20Page - ams AG AS7030B Datasheet HTML 21Page - ams AG AS7030B Datasheet HTML 22Page - ams AG AS7030B Datasheet HTML 23Page - ams AG AS7030B Datasheet HTML 24Page - ams AG AS7030B Datasheet HTML 25Page - ams AG AS7030B Datasheet HTML 26Page - ams AG AS7030B Datasheet HTML 27Page - ams AG AS7030B Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 129 page
background image
Document Feedback
AS7030B
Functional Description
Datasheet
• PUBLIC
DS000716
• v1-00 • 2020-Jun-10
128
│ 23
7
Functional Description
7.1
Optical Analog Front End
Figure 9:
Optical Analog Front End
The optical front end is used for PPG measurements.
The OFE consists of:
●
4 LEDs individually configurable, operated manually or controlled by the built-in Sequencer.
●
2 green LEDs (VD1 and VD2)
●
1 IR LEDs (VD4)
●
1 available for connecting an external LED to VD3
pd1
pd2
pd3
pd4
pd_i0
pd_ampcap
pd_ampres
pdoffx
pd_amp_en
*
ADC
ofe1/2_sd_byp
Synchronous Demodulator1,2 + BP Filter + Gain Stages
TIA
ofe1/2_hp_byp
ofe1/2_sd_bw
aa_freq
12.5-200Hz
ofe1/2_en
ofe1/2_hp_freq
ofe1/2_hp_en
ofe1/2
_gain_g
Sequencer
Clip Det
Clip Det
gain_sd
h/l vth
h/l vth
FiFo
Prefilter
pdoffx_ledon
any LED on?
fifol,
fifoh
pregain
ofe1
ofe2
sd1
sd2
tia
pd_i1
ofe_notch
_sel60
ecg_notch_byp