Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7030B Fiches technique(PDF) 63 Page - ams AG

No de pièce AS7030B
Description  Biosensor Solution with Embedded ECG Channel
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS7030B Fiches technique(HTML) 63 Page - ams AG

Back Button AS7030B Datasheet HTML 59Page - ams AG AS7030B Datasheet HTML 60Page - ams AG AS7030B Datasheet HTML 61Page - ams AG AS7030B Datasheet HTML 62Page - ams AG AS7030B Datasheet HTML 63Page - ams AG AS7030B Datasheet HTML 64Page - ams AG AS7030B Datasheet HTML 65Page - ams AG AS7030B Datasheet HTML 66Page - ams AG AS7030B Datasheet HTML 67Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 129 page
background image
Document Feedback
AS7030B
Functional Description
Datasheet
• PUBLIC
DS000716
• v1-00 • 2020-Jun-10
128
│ 62
7.1.12
Optical Signal Conditioning
Figure 74:
Optical Signal Conditioning
Synchronous Demodulator
Two optional synchronous demodulators can be used to detect small optical signals in the presence of
large unwanted noise (ambient light). Since the detector synchronizes to the LED frequency, the
demodulator can only be used if the measurement sequencer is running.
It includes an input filer (adjustable high pass and low pass, notch filter) and 2nd order adjustable
output low pass. The demodulator itself multiplies the signal by +1 / 0 / -1 with a timing which is
controlled by the sequencer.
Information
The optical signal conditioning stage need sigref_en=1 for operation.
*
ADC
ofe1/2_sd_byp
Synchronous Demodulator1,2 + BP Filter + Gain Stages
From TIA
ofe1/2_hp_byp
ofe1/2_sd_bw
aa_freq
12.5-200Hz
ofe1/2_en
ofe1/2_hp_freq
ofe1/2_hp_en
ofe1/2
_gain_g
Clip Det
Clip Det
gain_sd
h/l vth
FiFo
Prefilter
pregain
ofe1
ofe2
sd1
sd2
tia
ofe_notch
_sel60
ecg_notch_byp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More