Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS39513 Fiches technique(PDF) 51 Page - ams AG

No de pièce AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Fiches technique(HTML) 51 Page - ams AG

Back Button AS39513 Datasheet HTML 47Page - ams AG AS39513 Datasheet HTML 48Page - ams AG AS39513 Datasheet HTML 49Page - ams AG AS39513 Datasheet HTML 50Page - ams AG AS39513 Datasheet HTML 51Page - ams AG AS39513 Datasheet HTML 52Page - ams AG AS39513 Datasheet HTML 53Page - ams AG AS39513 Datasheet HTML 54Page - ams AG AS39513 Datasheet HTML 55Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 108 page
background image
ams Datasheet
Page 51
[v1-10] 2018-Apr-25
Document Feedback
AS39513 − Detailed Description
External Sensor Parameters
The external sensor parameter EEPROM page from addresses
0x420 through 0x42F contains parameters used during external
sensor logging. All have the standard System level access
through RFID and SPI.
Figure 35:
External Sensor Parameters
EXHILIM[7:0] – First threshold to use for limit checks during
external sensor measurements. See the section on Limit Check
Algorithm above.
EXLOLIM[7:0] – Second threshold to use for limit checks during
external sensor measurements. See the section on Limit Check
Algorithm above.
EHILIM[7:0] – Third threshold to use for limit checks during
external sensor measurements. See the section on Limit Check
Algorithm above.
Addr.
RFID
Block
Bit
7
6
5
4
3
2
1
0
0x420
0x08
EXHILIM[7:0]
0x421
EXLOLIM[7:0]
0x422
EHILIM[7:0]
0x423
ELOLIM[7:0]
0x424
0x09
EXHICNT[7:0]
0x425
EXLOCNT[7:0]
0x426
EHICNT[7:0]
0x427
ELOCNT[7:0]
0x428
0x0A
EHIMAX[7:0]
0x429
ELOMAX[7:0]
0x42A
0x42B
0x42C
0x0B
0x42D
0x42E
0x42F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More