Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS39513 Fiches technique(PDF) 90 Page - ams AG

No de pièce AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Fiches technique(HTML) 90 Page - ams AG

Back Button AS39513 Datasheet HTML 86Page - ams AG AS39513 Datasheet HTML 87Page - ams AG AS39513 Datasheet HTML 88Page - ams AG AS39513 Datasheet HTML 89Page - ams AG AS39513 Datasheet HTML 90Page - ams AG AS39513 Datasheet HTML 91Page - ams AG AS39513 Datasheet HTML 92Page - ams AG AS39513 Datasheet HTML 93Page - ams AG AS39513 Datasheet HTML 94Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 108 page
background image
Page 90
ams Datasheet
Document Feedback
[v1-10] 2018-Apr-25
AS39513 − Detailed Description
The access security levels are:
A = Application access required to access application area of
EEPROM.
M = Measurement access required to access measurement area
of EEPROM.
S = System access required to access system area of EEPROM.
Figure 49:
Security Levels
Lock DSFID
0x2A
None
Prevent further writes to DSFID field.
Get System Info
0x2B
None
Return RFID system parameters.
Set Access
0xA0
None
Enable application, measurement, or system
access with correct password.
Set Password
0xA1
A, M, S
Write a new password.
Read System Block
0xA2
None
Read the requested block from system memory.
Write System Block
0xA3
S
Write to the requested block in system memory.
Read Multiple System Blocks
0xA4
None
Read multiple blocks from the system memory.
Lock All Blocks
0xA6
None
Mark all measurement blocks as read only.
Do Measurement
0xA9
None
Do an ADC measurement of one of the sensors.
Set Mode
0xA8
None
Change the controller state.
Get Log Status
0xAA
None
Read the log controller status flags.
Security Level
Password
Access
None
No
All open
S
System Password
System area
A
Application Password
Application area
M
Measurement Password
Measurement area
Command
Command
Code
Security
Level
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More