| Moteur de recherche de fiches techniques de composants électroniques |
|
AS39513 Fiches technique(PDF) 38 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS39513 Fiches technique(HTML) 38 Page - ams AG |
|
38 / 108 page ![]() Page 38 ams Datasheet Document Feedback [v1-10] 2018-Apr-25 AS39513 − Detailed Description Figure 26: Temperature Ranges Possible with Different TV1SET and TV2SET Values Note(s): 1. Colored row indicated default range. 2. The temperature sensor has a temperature range starting at -26.6ºC, but the chip operating temperature range restricts the lower limit to -20ºC. The default upper limit of the temperature sensor is guaranteed 55ºC minimum and nominally 63.5ºC. The upper limit may be lower than the nominal 63.5ºC due to calibration, but an upper limit of 55ºC is guaranteed. TV1SET TV2SET Temperature ºC Start End Range 0 3 -26.6 123.6 150.2 1 3 -26.6 93.5 120.1 2 3 -26.6 (2) 63.5 90.1 3 3 -26.6 33.5 60.1 4 3 -26.6 3.5 30.1 2 4 3.5 123.6 120.1 34 3.5 93.6 90.1 44 3.5 63.5 60 54 3.5 33.5 30 4 5 33.5 123.6 90.1 5 5 33.5 93.6 60.1 6 5 33.5 63.6 30.1 6 6 63.6 123.7 60.1 7 6 63.6 93.6 30 |