Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS39513 Fiches technique(PDF) 36 Page - ams AG

No de pièce AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Fiches technique(HTML) 36 Page - ams AG

Back Button AS39513 Datasheet HTML 32Page - ams AG AS39513 Datasheet HTML 33Page - ams AG AS39513 Datasheet HTML 34Page - ams AG AS39513 Datasheet HTML 35Page - ams AG AS39513 Datasheet HTML 36Page - ams AG AS39513 Datasheet HTML 37Page - ams AG AS39513 Datasheet HTML 38Page - ams AG AS39513 Datasheet HTML 39Page - ams AG AS39513 Datasheet HTML 40Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 108 page
background image
Page 36
ams Datasheet
Document Feedback
[v1-10] 2018-Apr-25
AS39513 − Detailed Description
These constants in turn are used to calculate the effective ADC
offset and scale factor, VZERO and VSCALE, where
The ADC output code, nADC, will then be
where VSIG is the voltage of the selected multiplexer signal
(VSIG,TEMP, VSIG,EXT, VSIG,BAT1, or VSIG,BAT2).
Since the ADC voltage ranges for various settings can overlap,
it is often not obvious which are the optimum settings for a
given sensor voltage range. An Excel spreadsheet entitled
“AS39513 ADC Settings.xslx” has been developed which shows
the effect of the ADC references and sensor configuration
settings on the temperature and external sensor input ranges.
(EQ3)
VZERO
VLOW VMUXO
–
AMUX
-----------------------------------------
=
(EQ4)
VSCALE
VLOW VRNG
–
AMUX
-------------------------------------
=
(EQ5)
nADC
1024
VSIG VZERO
–
VSCALE
------------------------------------
=
(EQ6)
VSIG
nADC V
•
SCALE
() 1024
⁄
VZERO
+
=