| Moteur de recherche de fiches techniques de composants électroniques |
|
AS39513 Fiches technique(PDF) 42 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS39513 Fiches technique(HTML) 42 Page - ams AG |
|
42 / 108 page ![]() Page 42 ams Datasheet Document Feedback [v1-10] 2018-Apr-25 AS39513 − Detailed Description Memory Map The EEPROM memory as well as registers share a common 11-bit memory space. From the related 11-bit address it is then possible to access the EEPROM as well as the register and moreover it is possible to know which Access level is required to access each memory area. By decoding the address MSBs is possible to determine both the type of hardware (EEPROM or registers) and the access level required (Application, Measurement, System, or Factory). The overall memory layout is described in the figure shown below. Figure 31: Memory Map Layout The gray regions in this memory map duplicate other regions to simplify address decoding. Address[7:6] 000 001 010 011 100 101 110 111 00 01 10 11 System EEPROM Factory EEPROM Application / Measurement EEPROM System Registers Factory Registers |