| Moteur de recherche de fiches techniques de composants électroniques |
|
AS39513 Fiches technique(PDF) 33 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS39513 Fiches technique(HTML) 33 Page - ams AG |
|
33 / 108 page ![]() ams Datasheet Page 33 [v1-10] 2018-Apr-25 Document Feedback AS39513 − Detailed Description Analog to Digital Conversion This section describes how to compute the ADC output code that will result from a sensor input. A block diagram of the sensor interface and ADC is shown in Figure 20. Figure 20: Sensor Interface and ADC Block Diagram Figure 21: ADC Input-Output Characteristic MUX Temp Sensor Battery Voltage Ext. Sensor Input Gain & Offset DC Offset: V MUXO A MUX 10bit ADC V ADCin= VMUXO+ AMUX.VMUXSIG V MUXSIG Digital offset 10bit offset TSMOFF – offset for temp & battery EXMOFF – offset for ext. sensor V1 V2 Dual slope ADC Sensor inputs selected for data logging are determined by bits TSMEAS, EXMEAS & BVMEAS ADC ref voltages V RNG V LOW Code 0 1024 V2 ADC Range: V2-V1 2xV2-V1 Vin |